Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2642 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2642 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2642 Datasheet HTML 9Page - National Semiconductor (TI) LM2642 Datasheet HTML 10Page - National Semiconductor (TI) LM2642 Datasheet HTML 11Page - National Semiconductor (TI) LM2642 Datasheet HTML 12Page - National Semiconductor (TI) LM2642 Datasheet HTML 13Page - National Semiconductor (TI) LM2642 Datasheet HTML 14Page - National Semiconductor (TI) LM2642 Datasheet HTML 15Page - National Semiconductor (TI) LM2642 Datasheet HTML 16Page - National Semiconductor (TI) LM2642 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Operation Descriptions
SOFT START
The ON/SS1 pin has dual functionality as both channel
enable and soft start control. The soft start block diagram is
shown in Figure 3.
The LM2642 will remain in shutdown mode while both soft
start pins are grounded.In a normal application (with a soft
start capacitor connected between the ON/SS1 pin and
SGND) soft start functions as follows. As the input voltage
rises (note: Iss starts to flow when VIN
≥ 2.2V), the internal
5V LDO starts up, and an internal 2µA current charges the
soft start capacitor. During soft start phase, the error ampli-
fier output voltage at the COMPx pin is clamped at 0.55V
and the duty cycle is controlled only by the soft start voltage.
As the SSx pin voltage ramps up, the duty cycle increases
proportional to the soft start ramp, causing the output voltage
to ramp up. The rate at which the duty cycle increases
depends on the capacitance of the soft start capacitor. The
higher the capacitance, the slower the output voltage ramps
up. When the corresponding output voltage exceeds 98%
(typical) of the set target voltage, the regulator switches from
soft start to normal operating mode. At this time, the 0.55V
clamp at the output of the error amplifier releases and peak
current feedback control takes over. Once in peak current
feedback control mode, the output of the error amplifier will
travel within the 0.5V and 2V window to achieve PWM
control. See Figure 4.
During soft start, over-voltage protection and current limit
remain in effect. The under voltage protection feature is
activated when the ON/SS pin exceeds the timeout thresh-
old (3.3V typical). If the ON/SSx capacitor is too small, the
duty cycle may increase too rapidly, causing the device to
latch off due to output voltage overshoot above the OVP
threshold. This becomes more likely in applications requiring
low output voltage, high input voltage and light load. A
capacitance of 10nF is recommended at each soft start pin
to provide a smooth monotonic output ramp.
SEQUENTIAL STARTUP
Sequential startup can be implemented by simply connecting
PGOOD1 to SS/ON2. Once channel 1 has reached 94% of
nominal, PGOOD1 will go high, thus enabling SS/ON2. In
this mode of operation, channel 2 will be controlled by the
state of channel 1. If channel 1 falls out of the PGOOD1
window, channel 2 will be switched off immediately.
OVER VOLTAGE PROTECTION (OVP)
If the output voltage on either channel rises above 113% of
nominal, over voltage protection activates. Both channels
will latch off, and the PGOOD1 pin will go low. When the
OVP latch is set, the high side FET driver, HDRVx, is imme-
diately turned off and the low side FET driver, LDRVx, is
turned on to discharge the output capacitor through the
inductor. To reset the OVP latch, either the input voltage
must be cycled, or both channels must be switched off.
UNDER VOLTAGE PROTECTION (UVP) AND UV DELAY
If the output voltage on either channel falls below 80% of
nominal, under voltage protection activates. As shown in
Figure 5, an under-voltage event will shut off the UV_DELAY
MOSFET, which will allow the UV_DELAY capacitor to
charge at 5uA (typical). At the UV_DELAY threshold (2.3V
20046206
FIGURE 3. Soft Start and ON/OFF
20046207
FIGURE 4. Voltage Clamp at COMPx Pin
20046208
FIGURE 5. PGOOD, OVP and UVP
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com