Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7125 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7125
Description  1.0625 Gbits/sec Fibre Channel Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7125 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7125 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7125 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC7125
1.0625 Gbits/sec Fibre
Channel Transceiver
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
4/23/98
G52121-0, Rev. 4.1
Figure 7: Parametric Measurement Information
Serial Input Rise and Fall Time
TTL Input and Output Rise and Fall Time
TTL A.C. Output Load
Receiver Input Eye Diagram Jitter Tolerance Mask
Serial Output Load
Tr
Tf
80%
20%
Tr
Tf
Vih(min)
Vil(max)
10 pF
Z0 = 75Ω
75
Ω
VDD – 2.0V
Bit Time
Eye Width%
Amplitude
Parametric Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com