Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE856 Datasheet(PDF) 2 Page - NEC

Part # NE856
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856 Datasheet(HTML) 2 Page - NEC

  NE856 Datasheet HTML 1Page - NEC NE856 Datasheet HTML 2Page - NEC NE856 Datasheet HTML 3Page - NEC NE856 Datasheet HTML 4Page - NEC NE856 Datasheet HTML 5Page - NEC NE856 Datasheet HTML 6Page - NEC NE856 Datasheet HTML 7Page - NEC NE856 Datasheet HTML 8Page - NEC NE856 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NE856 SERIES
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
NE85600
NE85618
NE85619
NE85630
NE85632
EIAJ1 REGISTERED NUMBER
2SC5011
2SC5006
2SC4226
2SC3355
PACKAGE OUTLINE
00 (CHIP)
18
19
30
32
SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
fT
Gain Bandwidth Product at
VCE = 10 V, IC = 20 mA
GHz
7.0
6.5
6.5
VCE = 3 V, IC = 7 mA
GHz
3.0
4.5
4.5
NF
Noise Figure at
VCE = 10 V, IC = 7 mA, f = 1 GHz
dB
1.1
1.4
1.4
1.3
1.4
VCE = 10 V, IC = 7 mA, f = 2 GHz
dB
2.1
2.1
2.2
2.2
GA
Associated Gain at
VCE = 10 V, IC = 7 mA, f = 1 GHz
dB
13
12.5
12
10
f = 2 GHz
dB
10
7
6.5
6
|S21E|2
Insertion Power Gain at
VCE = 10 V, IC = 20 mA, f = 1 GHz
dB
11
13
12
12
9.5
f = 2 GHz
dB
7
9
7
6
hFE
Forward Current Gain2 at
VCE = 10 V, IC = 20 mA
50 120
300
50
120
300
50
120
300
VCE = 3 V, IC = 7 mA
80
120
160
40
110
250
ICBO
Collector Cutoff Current
at VCB = 15 V, IE = 0 mA
µA
1.0
1.0
1.0
1.0
1.0
IEBO
Emitter Cutoff Current
at VEB = 1 V, IC = 0 mA
µA
1.0
1.0
1.0
1.0
1.0
Cre
Feedback Capacitance3 at
VCB = 3 V, IE = 0 mA, f = 1 MHz
pF
0.7
1.5
0.7
1.5
VCB = 10 V, IE = 0 mA, f = 1 MHz
pF
0.5
1.0
0.5
0.9
0.65
1.0
PT
Total Power Dissipation
mW
700
150
100
150
600
RTH (J-A)
Thermal Resistance (J-A)
°C/W
833
1000
833
210
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PART NUMBER
NE85633
NE85634
NE85635
NE85639/39R
EIAJ1 REGISTERED NUMBER
2SC3356
2SC3357
2SC3603
2SC4093
PACKAGE OUTLINE
33
34
35
39
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP MAX MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
fT
Gain Bandwidth Product at
VCE = 10 V, IC = 20 mA
GHz
7.0
6.5
7.0
9.0
NF
Noise Figure at
VCE = 10 V, IC = 7 mA, f = 1 GHz
dB
1.4
2.0
1.4
1.5
2.1
f = 2 GHz
dB
2.1
3.4
GA
Associated Gain at
VCE = 10 V, IC = 7 mA, f = 1 GHz
dB
9
13.5
f = 2 GHz
dB
10
8.5
|S21E|2
Insertion Power Gain at
VCE = 10 V, IC = 20 mA, f = 1 GHz
dB
11.5
9.5
13
f = 2 GHz
dB
7
9
7
hFE
Forward Current Gain2 at
VCE = 10 V, IC = 20 mA
50
120
300
50
120
300
50
120
300
50
120
300
ICBO
Collector Cutoff Current
at VCB = 15 V, IE = 0
mA
µA
1.0
1.0
1.0
1.0
IEBO
Emitter Cutoff Current
at VEB = 1 V, IC = 0 mA
µA
1.0
1.0
1.0
1.0
Cre
Feedback Capacitance3 at
VCB = 10 V, IE = 0 mA, f = 1 MHz
pF
0.55
1.0
0.65
1.0
0.5
1.0
0.5
0.9
PT
Total Power Dissipation
mW
200
20004
580
200
RTH (J-A)
Thermal Resistance (J to A)
°C/W
625
62.54
590
500
Notes:
1. Electronic Industrial Association of Japan.
2. Pulse width ≤ 350 µs, duty cycle ≤ 2% pulsed.
3. Cre measurement employs a three terminal capacitance bridge incorporating a
guard circuit. The emitter terminal shall be connected to the guard terminal.
4. With 2.5 cm2 x 0.7 mm ceramic substrate (infinite heatsink).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com