Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124-E/MJ Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 52Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 49
MCP19124/5
6.10
VREF2 Voltage Reference
The VREF2CON register controls a second reference
DAC that can be used externally. For example, it can be
sent off chip and used to set the current regulation set
point for a MCP1631 Pulse-Width Modulator. The
MCP19124/5 must be configured in Master Mode with
bits MSC<0:1> = 01 in the MODECON register to
connect VREF2 to GPB1. In Stand-Alone mode, VREF2
is not accessible. VREFCON2 holds the digital value
used to set the VREF2 DAC. Since this reference is
intended to go off chip, there is no pedestal offset
associated with it and it is referenced to GND. It is an
8-bit linear DAC and has a range from 0V to 1.23V (BG)
equating to 255 steps at 4.8 mV/step.
6.11
Analog Peripheral Control
The MCP19124/5 have various analog peripherals.
These peripherals can be configured to allow
customizable operation. Refer to Register 6-13 for
more information.
6.11.1
MOSFET GATE DRIVER ENABLES
The MCP19124/5 can enable and/or disable the
MOSFET gate driver outputs for the primary drive
(PDRV)
and
the
secondary
drive
(SDRV)
independently. Setting the PDRVEN bit in the PE1
register enables the primary drive. Setting the
SDRVEN bit in the PE1 register enables the secondary
drive. Refer to Register 6-13 for details.
REGISTER 6-12:
VREF2CON: VREF2 VOLTAGE SET POINT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREF2<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-0
VREF2<7:0>: Voltage Controlling Current Regulation Set Point bits
VREF2(V) = VBG x N/255 where N = the decimal value written to the VREF2CON Register
VREF2<7:0> from 0 to 255.
REGISTER 6-13:
PE1: ANALOG PERIPHERAL ENABLE1 CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
PDRVEN
SDRVEN
PDRVBY
SDRVBY
—
ISPUEN
PWMSTR_PEN PWMSTR_SEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7
PDRVEN: PDRV Gate Drive Enable bit
1
= PDRV gate drive is enabled
0
= PDRV gate drive is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com