Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19124T-E/MJ Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP19124T-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124T-E/MJ Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP19124T-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 23Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 24Page - Microchip Technology MCP19124T-E/MJ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 21
MCP19124/5
3.10
OV REF
This reference is dual purposed and can be used to set
the voltage regulation set point or the output
overvoltage set point. By default this reference is
connected to the noninverting input of the voltage error
amplifier (EA2). When the voltage error amplifier is
disabled by setting the EA2DIS bit in the ABECON
register, this reference is connected to the noninverting
input of the over voltage comparator. Here this
reference is compared to the VS input pin, which is
typically proportional to the output voltage based on an
external resistor divider. OV protection, when enabled,
can be set to a value for the protection of system
circuitry or it can be used to “ripple” regulate the
converter output voltage for repositioning purposes.
The comparator output triggers a configurable interrupt
such that firmware can take any additional desired
action.
3.11
Independent Gate Drive with
Programmable Delay
Two independent low-side gate drives are integrated
for synchronous applications. Programmable delay has
been implemented to improve efficiency and prevent
shoot-through currents. Each gate drive has an
independent enable input controlled by the PE1
register and programmable dead time controlled by the
DEADCON register.
3.12
Temperature Management
3.12.1
THERMAL SHUTDOWN
To protect the MCP19124/5 from overtemperature
conditions, a 150°C junction temperature thermal
shutdown has been implemented. When the junction
temperature reaches this limit, the device disables the
output drivers. In Shutdown mode, both PDRV and
SDRV outputs are disabled and the overtemperature
flag (OTIF) is set in the PIR2 register. When the
junction temperature is reduced by 20°C to 130°C, the
MCP19124/5 can resume normal output drive
switching.
3.12.2
TEMPERATURE REPORTING
The MCP19124/5 have a second on-chip temperature
monitoring circuit that can be read by the ADC through
the analog test MUX. Refer to Section 25.0 “Internal
Temperature Indicator Module” for details on this
internal temperature monitoring circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com