Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19035T-AAAAE/MF Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP19035T-AAAAE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-AAAAE/MF Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP19035T-AAAAE/MF Datasheet HTML 36Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 37Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 38Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 39Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 40Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 41Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 42Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 43Page - Microchip Technology MCP19035T-AAAAE/MF Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
 2012-2013 Microchip Technology Inc.
DS22326B-page 41
MCP19035
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
-X
Switching
Package
Temperature
Range
Device
Device:
MCP19035:
High-Speed Synchronous Buck Controller
MCP19035T:
High-Speed Synchronous Buck Controller
(Tape and Reel)
Switching
Frequency:
A=300 kHz
B=600 kHz
Reference Voltage:
A=600 mV
LDRV OC
Threshold:
A=200 mV
Dead Time:
A =20 ns
B=12 ns
Temperature Range:
E= -40
C to +125C
(Extended)
Package:
MF
=
Plastic Dual Flat, No Lead Package - 3x3x0.9
mm, 10-Lead
Examples:
a)
MCP19035-AAAAE/MF: 300 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
20 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
b)
MCP19035T-AAAAE/MF: Tape and Reel,
300 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
20 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
c)
MCP19035-AAABE/MF: 300 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
12 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
d)
MCP19035T-AAABE/MF: Tape and Reel,
300 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
12 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
e)
MCP19035-BAAAE/MF: 600 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
20 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
f)
MCP19035T-BAAAE/MF: Tape and Reel,
600 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
20 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
g)
MCP19035-BAABE/MF: 600 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
12 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
h)
MCP19035T-BAABE/MF: Tape and Reel,
600 kHz Switching Freq.,
600 mV VREF, 200 mV
LDRV OC Threshold,
12 ns Dead Time,
Extended Temperature,
10LD 3x3 DFN Package
Frequency
X
Reference
Voltage
X
LDRV OC
Threshold
X
Dead
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com