Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85630 Datasheet(PDF) 21 Page - NEC

Part # NE85630
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85630 Datasheet(HTML) 21 Page - NEC

Back Button NE85630 Datasheet HTML 17Page - NEC NE85630 Datasheet HTML 18Page - NEC NE85630 Datasheet HTML 19Page - NEC NE85630 Datasheet HTML 20Page - NEC NE85630 Datasheet HTML 21Page - NEC NE85630 Datasheet HTML 22Page - NEC NE85630 Datasheet HTML 23Page - NEC NE85630 Datasheet HTML 24Page - NEC NE85630 Datasheet HTML 25Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NE856 SERIES
NE85639 NONLINEAR MODEL
MODEL RANGE
Frequency:
0.1 to 3.0 GHz
Bias:
VCE = 2.5 V to 10 V, IC = 0.3 mA to 7 mA
Date:
6/12/96
(1) Gummel-Poon Model
Parameters
Q1
Parameters
Q1
IS
6e-16
MJC
0.55
BF
120
XCJC
0.3
NF
0.98
CJS
0
VAF10
VJS
0.75
IKF
0.08
MJS
0
ISE
3.2e-15
FC
0.5
NE
1.93
TF
10e-12
BR
12
XTF
6
NR
0.991
VTF
10
VAR
3.9
ITF
0.2
IKR
0.17
PTF
0
ISC
0
TR
1e-9
NC
2
EG
1.11
RE
0.38
XTB
0
RB
4.16
XTI
3
RBM
3.6
KF
0
IRB
1.96e-4
AF
1
RC
2
CJE
2.8e-12
VJE
1.3
MJE
0.5
CJC
1.1e-12
VJC
0.7
BJT NONLINEAR MODEL PARAMETERS (1)
Parameters
NE85639
CCB
0.087e-12
CCE
0.16e-12
LB
1.1e-9
LC
0.81e-9
LE
0.58e-9
CCBPKG
0.02e-12
CCEPKG
0.08e-12
CBEPKG
0.01e-12
LBX
0.39e-9
LCX
0.39e-9
LEX
0.2e-9
ADDITIONAL PARAMETERS
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
SCHEMATIC
Note:
This nonlinear model utilized the latest data available. See our Design Parameter Library at www.cel.com for this data.
Base
Emitter
Collector
LBX
LB
LEX
LE
LC
LCX
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com