Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280AKS-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR280AKS-R2
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280AKS-R2 Datasheet(HTML) 7 Page - Analog Devices

  ADR280AKS-R2 Datasheet HTML 1Page - Analog Devices ADR280AKS-R2 Datasheet HTML 2Page - Analog Devices ADR280AKS-R2 Datasheet HTML 3Page - Analog Devices ADR280AKS-R2 Datasheet HTML 4Page - Analog Devices ADR280AKS-R2 Datasheet HTML 5Page - Analog Devices ADR280AKS-R2 Datasheet HTML 6Page - Analog Devices ADR280AKS-R2 Datasheet HTML 7Page - Analog Devices ADR280AKS-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADR280
–6–
ADR280
–7–
OUTLINE DIMENSIONS
3-Lead Small Outline Transistor Package [SOT-23]
(RT-3)
Dimensions shown in millimeters
3.04
2.90
2.80
PIN 1
1.40
1.30
1.20
2.64
2.10
1.90 BSC
1
2
3
SEATING
PLANE
1.12
0.89
0.10
0.01
0.50
0.30
0.20
0.08
0.60
0.50
0.40
0.95 BSC
COMPLIANT TO JEDEC STANDARDS TO-236AB
Tape and Reel Dimensions
(RT-3)
Dimensions shown in millimeters
4.10
4.00
3.90
1.55
1.50
1.50
8.30
8.00
7.70
3.20
3.10
2.90
2.05
2.00
1.95
1.85
1.75
1.65
3.55
3.50
3.45
2.80
2.70
2.60
1.10
1.00
0.90
0.35
0.30
0.25
13.20
13.00
12.80
9.90
8.40
8.40
20.20
MIN
1.50 MIN
7" REEL 100.00
OR
13" REEL 330.00
7" REEL 50.00 MIN
OR
13" REEL 100.00 MIN
14.40 MAX
0.75 MIN
DIRECTION OF UNREELING
1.00 MIN
3-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-3)
Dimensions shown in millimeters
0.40
0.25
0.10 MAX
1.00
0.80
SEATING
PLANE
1.10 MAX
0.18
0.10
0.30
0.10
2
1
3
PIN 1
0.65 BSC
0.10 COPLANARITY
2.20
1.80
2.40
1.80
1.35
1.15
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com