Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A1 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM7A1
Description  ARM7TDMI BASED MICROCONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A1 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM7A1 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
PRELIMINARY
AT91SAM7A1 Summary
6048AS–ATARM–07/04
Description
AT91SAM7A1 is based on the ARM7TDMI embedded processor. This processor has a
high-performance 32-bit RISC architecture with a high-density 16-bit instruction set and
very low power consumption.
In addition, a large number of internally banked registers result in very fast exception
handling, making the device ideal for real-time control applications.
The AT91SAM7A1 has a direct connection to off-chip memory, including Flash, through
the fully-programmable External Bus Interface.
An eight-level priority vectored Interrupt Controller in conjunction with the Peripheral
Data Controller significantly improves the real-time performance of the device. The
device is manufactured using high-density CMOS technology.
By combining the ARM7TDMI microcontroller core with an on-chip RAM and a wide
range of peripheral functions, including USART, SPI, CAN Controllers, Timer Counter
and Analog-to-digital Converter, on a monolithic chip, the AT91SAM7A1 is a powerful
device that provides a flexible, cost-effective solution to many compute-intensive
embedded control applications in the automotive and industrial world.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com