Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RER125-19/06 Datasheet(PDF) 1 Page - ebm-papst

Part # RER125-19/06
Description  AC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER125-19/06 Datasheet(HTML) 1 Page - ebm-papst

  RER125-19/06 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
170
SSPP
IP54
IP54
Û
HHPP
max.
115 m3/h
Nominal data
Type
m3/h
CFM
V
Hz
Bel(A)
/
Watts
RPM
°C
Hours
Hours
RER 125-19/56
104
61,2
230
50
6,2
/
19,0
2 600
-30...+60
37 500 / 22 500
1
RER 125-19/06
115
67,7
115
60
6,5
/
18,0
2 850
-30...+70
40 000 / 20 000
2
– AC centrifugal fan with external rotor shaded-pole motor. Impedance protected
against overloading.
– Impeller of fibreglass-reinforced plastic, with steel plate reinforced.
– Direction of air flow radial. Direction of rotation clockwise, seen on rotor.
– Electrical connection via leads AWG 22. Bared and tin-plated.
– Mass: 500 g.
AC centrifugal fans
Series RER 125
138 Ø x 40 mm
0
1 0
2 0
3 0
4 0
5 0
6 0
20
40
20
60
40
60
80
100
80
1
2
50 Hz
60 Hz
100
m³/h
CFM
The air flow and noise level of fans without
external housing depend on the installation
conditions. The stated air flow and noise levels
have been measured under the
following conditions:
Centrifugal fan mounted on a base plate
220 x 220 mm. Cover plate 220 x 220 mm
with an air inlet of Ø 86 mm, concentric to
the impeller.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:22 Seite 170


Similar Part No. - RER125-19/06

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER125-19/06 EBMPAPST-RER125-19/06 Datasheet
386Kb / 1P
MOTORIZED IMPELLER
More results

Similar Description - RER125-19/06

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E250-AS47-05 EBMPAPST-R2E250-AS47-05 Datasheet
72Kb / 2P
AC centrifugal fans
RER160 EBMPAPST-RER160 Datasheet
238Kb / 1P
AC centrifugal fans
RG125 EBMPAPST-RG125 Datasheet
153Kb / 1P
AC centrifugal fans
RL90 EBMPAPST-RL90 Datasheet
171Kb / 1P
AC centrifugal fans
R2E190RA EBMPAPST-R2E190RA Datasheet
603Kb / 2P
AC centrifugal fans
R2E220RA EBMPAPST-R2E220RA Datasheet
588Kb / 2P
AC centrifugal fans
RL90-1850 EBMPAPST-RL90-1850 Datasheet
122Kb / 1P
AC centrifugal fans
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
AC centrifugal fans
RG125-1956 EBMPAPST-RG125-1956_16 Datasheet
113Kb / 1P
AC centrifugal fans
RG125-19 EBMPAPST-RG125-19 Datasheet
113Kb / 1P
AC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com