Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL90-18/00 Datasheet(PDF) 1 Page - ebm-papst

Part # RL90-18/00
Description  AC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RL90-18/00 Datasheet(HTML) 1 Page - ebm-papst

  RL90-18/00 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
166
Nominal data
Type
m3/h
CFM
V
Hz
Bel(A)
/
Watts
RPM
°C
Hours
Hours
RL 90-18/50
40
23,5
230
50
5,6
/
20,0
2 450
-10...+50
37 500 / 30 000
1
RL 90-18/56
40
23,5
230
50
5,6
/
20,0
2 450
-30...+70
37 500 / 20 000
1
RL 90-18/00
42
24,7
115
60
6,0
/
19,5
2 550
-10...+60
37 500 / 25 000
2
RL 90-18/06
42
24,7
115
60
6,0
/
19,5
2 550
-30...+85
37 500 / 15 000
2
SSPP
IP54
IP54
Û
HHPP
max.
42 m3/h
– AC centrifugal fan with external rotor shaded-pole motor. Impedance protected
against overloading.
– Spiral housing and impeller of fibreglass-reinforced plastic.
Housing base of galvanised steel plate. Housing base with flat plug 6.3 x 0.8 mm for
protective earth.
– Direction of air flow radial, through housing port. Direction of rotation clockwise, seen on
rotor.
– Electrical connection via 2 leads. Bared and tin-plated.
– Mass: 680 g.
AC centrifugal fans
Series RL 90
121 x 121 x 37 mm
0
4
8
12
16
20
5
10
20
40
60
80
15
20
100
1
2
50 Hz
60 Hz
120
25
30
m³/h
CFM
Fan type
Lead wires
RL 90-18/50
RL 90-18/00
AWG 18, TR 32
RL 90-18/56
RL 90-18/06
AWG 22
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:22 Seite 166


Similar Part No. - RL90-18/00

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RL90-18/00 EBMPAPST-RL90-18/00 Datasheet
259Kb / 1P
FLATPAK
RL90-18/00 EBMPAPST-RL90-18/00 Datasheet
122Kb / 1P
AC centrifugal fans
More results

Similar Description - RL90-18/00

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E250-AS47-05 EBMPAPST-R2E250-AS47-05 Datasheet
72Kb / 2P
AC centrifugal fans
RER160 EBMPAPST-RER160 Datasheet
238Kb / 1P
AC centrifugal fans
RG125 EBMPAPST-RG125 Datasheet
153Kb / 1P
AC centrifugal fans
R2E190RA EBMPAPST-R2E190RA Datasheet
603Kb / 2P
AC centrifugal fans
R2E220RA EBMPAPST-R2E220RA Datasheet
588Kb / 2P
AC centrifugal fans
RL90-1850 EBMPAPST-RL90-1850 Datasheet
122Kb / 1P
AC centrifugal fans
RER160-2856S EBMPAPST-RER160-2856S Datasheet
191Kb / 1P
AC centrifugal fans
RG125-1956 EBMPAPST-RG125-1956_16 Datasheet
113Kb / 1P
AC centrifugal fans
RG125-19 EBMPAPST-RG125-19 Datasheet
113Kb / 1P
AC centrifugal fans
RG160-28 EBMPAPST-RG160-28_16 Datasheet
119Kb / 1P
AC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com