Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9517 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors PCA9517 Datasheet HTML 10Page - NXP Semiconductors PCA9517 Datasheet HTML 11Page - NXP Semiconductors PCA9517 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
8
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
tPLH
Propagation delay, B to A side
Waveform 3; Note 3
100
170
250
ns
tPHL
Propagation delay, B to A side
VCCA ≤ 2.7 V; Waveform 1
30
80 7
110
ns
VCCA ≥ 3 V; Waveform 1
10
66
300
ns
tTLH
Transition time, A side
Waveform 2
10
20
30
ns
tTHL
Transition time, A side
VCCA ≤ 2.7 V; Waveform 2
1
77 7
105
ns
VCCA ≥ 3 V; Waveform 2
20
70
175
ns
tPLH
Propagation delay, A to B side
Waveform 2; Note 2
25
53
110
ns
tPHL
Propagation delay, A to B side
Waveform 2; Note 2
60
79
230
ns
tTLH
Transition time, B side
Waveform 1
120
140
170
ns
tTHL
Transition time, B side
Waveform 1
30
48
90
ns
tSET
Enable HIGH before Start condition
Note 6
100
–
–
ns
tHOLD
Enable HIGH after Stop condition
Note 6
100
–
–
ns
NOTES:
1. Times are specified with loads of 1.35 k
Ω pull-up resistance and 57 pF load capacitance on the B side and 167 Ω pull-up and 57 pF load
capacitance on the A side. Different load resistnace and capacitance will alter the RC time constant, thereby changing the propagation delay
and transition times.
2. The proportional delay data from A to B side is measured at 0.3VCCA on the A side to 1.5 V on the B side.
3. The tPLH delay data from B to A side is measured at 0.5 V on the B side to 0.5VCCA on the A side when VCCA is less than 2 V, and 1.5 V on
the A side if VCCA is greater than 2 V.
4. Pull-up voltages are VCCA on the A side and VCCB on the B side.
5. Typical values were measured with VCCA = 3.6 V at Tamb = 25 °C, unless otherwise noted.
6. The enable pin, EN, should only change state when the global bus and the repeater port are in an idle state.
7. Typical value measured with VCCA = 2.7 V at Tamb = 25 °C.
AC WAVEFORMS
3.3 V
0.1 V
1.5 V
1.5 V
INPUT
OUTPUT
1.2 V
VOL
tPHL
tPLH
80%
20%
0.6 V
0.6 V
80%
20%
tTHL
tTLH
SW02169
Waveform 1.
0.3VCCA
INPUT
OUTPUT
3.3 V
80%
20%
1.5 V
1.5 V
80%
20%
SW02170
0.3VCCA
VCCA
VCCA
Waveform 2.
tPLH
50 % if VCCA is less than 2 V
1.5 V if VCCA is greater than 2 V
0.5 V
INPUT
SDAB, SCLB
OUTPUT
SCLA, SDAA
SW02341
Waveform 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com