Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9517DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9517DP
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9517DP Datasheet HTML 2Page - NXP Semiconductors PCA9517DP Datasheet HTML 3Page - NXP Semiconductors PCA9517DP Datasheet HTML 4Page - NXP Semiconductors PCA9517DP Datasheet HTML 5Page - NXP Semiconductors PCA9517DP Datasheet HTML 6Page - NXP Semiconductors PCA9517DP Datasheet HTML 7Page - NXP Semiconductors PCA9517DP Datasheet HTML 8Page - NXP Semiconductors PCA9517DP Datasheet HTML 9Page - NXP Semiconductors PCA9517DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Product data sheet
PCA9517
Level translating I2C-bus repeater
2004 Oct 05
6
ABSOLUTE MAXIMUM RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134).
Voltages with respect to pin GND.
LIMITS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCCB
2.7 V to 3.3 V bus supply voltage range
–0.5
+7
V
VCCA
Adjustable bus supply voltage range
–0.5
+7
V
Vbus
Voltage range I2C-bus, SCL or SDA or enable (EN)
–0.5
+7
V
I
DC current (any pin)
—
50
mA
Ptot
Power dissipation
—
100
mW
Tstg
Storage temperature range
–55
+125
°C
Tamb
Operating ambient temperature range
–40
+85
°C
Tj
Junction temperature
–
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com