Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2 Datasheet(PDF) 3 Page - NEC

Part # EC2
Description  COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 3 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DATA SHEET ER0002EJ4V0DS00
EC2 SERIES
PART NUMBER SYSTEM
EC2 – 9 S NU
Nil : Standard type
NU : UL recognized, CSA certified type
NJ : Trimed leads type ∗
NP : Silver-palladium alloy contact (with gold alloy overlay) ∗
Latch type
Nil : Non-latch type
S : Single coil latch type
T : Double coil latch type
Nominal coil voltage
3, 4.5, 5, 6, 9, 12, 24 V
EC2 series
∗ UL recognized, CSA certified type
2 Form c
Silver alloy with gold alloy overlay
60 W, 125 VA
220 Vdc, 250 Vac
2 A
2 A
10 mVdc, 10
µA ∗1
50 m
Ω typ. (Initial)
140 mW (3 to 12 V), 200 mW (24 V)
100 mW
140 mW
Approx. 2 ms
Approx. 1 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac (for one minute)
1500 V surge (10
× 160
µs ∗2)
1500 Vac (for one minute)
Double Coil 1000 Vac (for one minute)
2500 V surge, (2
× 10
µs ∗3)
Latch type 1500 V surge (10
× 160
µs ∗2)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz double amplitude of 3 mm (20 G) (misoperating)
10 to 55 Hz, double amplitude of 5 mm (30 G) (Destructive failure)
–40 to 85˚C
18 degrees at nominal coil voltage (140 mW)
1
× 108 ∗4 operations (Non-latch type) 1 × 107 operations (latch type)
50 Vdc, 0.1 A (resistive) 1
× 106 operations at 85˚C, 2 Hz
10 Vdc, 10 mA (resistive) 1
× 106 operations at 85˚C, 2 Hz
Approx. 1.9 g
Contact Form
Contact Material
Maximum Switching Power
Maximum Switching Voltage
Maximum Switching Current
Maximum Carrying Current
Minimum Contact Ratings
Initial Contact Resistance
Non-Latch Type
Nominal Operating Power
Single Coil Latch Type
Single Coil Latch Type
Operate Time (Excluding Bounce)
Release Time (Excluding Bounce)
Insulation Resistance
Between Open Contacts
Breakdown Voltage
Between Adjacent Contacts
Between Coil and Contact
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
No-load
Load
Weight
PERFORMANCE CHARACTERISTICS
Running specifications
Contact Ratings
(UL / CSA Rating)
∗1 This value is reference value in the resistance load.
Minimum capacity changes depending on switching frequency and environment temperatur and the load.
∗2 rise time : 10 µs, fall time : 160 µs
∗3 rise time : 2 µs, fall time : 10 µs
∗4 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of operation
by whicha steady characteristic is maintained is 1
× 107 times.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com