Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE2 Datasheet(PDF) 6 Page - NEC

Part # EE2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EE2 Datasheet(HTML) 6 Page - NEC

Back Button EE2 Datasheet HTML 2Page - NEC EE2 Datasheet HTML 3Page - NEC EE2 Datasheet HTML 4Page - NEC EE2 Datasheet HTML 5Page - NEC EE2 Datasheet HTML 6Page - NEC EE2 Datasheet HTML 7Page - NEC EE2 Datasheet HTML 8Page - NEC EE2 Datasheet HTML 9Page - NEC EE2 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
EC2(ND),EE2(ND) SERIES
DATA SHEET ER0327EJ2V0DS00
5
4
3
2
1
0
0125
10
Number of Operations (
× 107)
Number of Operations (
× 104)
Number of Operations (
× 104)
Number of Operations (
× 107)
Operate Voltage
Release Voltage
Operate
Release
Make contact
Break contact
Make
Break
200
100
50
20
10
0
0125
10
5
4
3
2
1
0
0
5
10
15
20
200
100
50
20
10
0
0
5
10
15
20
RUNNING SPECIFICATIONS (Noload)
RUNNING SPECIFICATIONS (Load)
Sample : EC2-5ND n = 10
Temperature : 25 ˚C
Drive : 5 Vdc, 50 Hz 50 % duty
Sample : EC2-5ND n = 10
Load : 50 Vdc, 0.1 A Resistive
Temperature : 25 ˚C
Drive : 5 Vdc, 2 Hz 50 % duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com