Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-9TNU-R Datasheet(PDF) 5 Page - NEC

Part # EB2-9TNU-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-9TNU-R Datasheet(HTML) 5 Page - NEC

  EB2-9TNU-R Datasheet HTML 1Page - NEC EB2-9TNU-R Datasheet HTML 2Page - NEC EB2-9TNU-R Datasheet HTML 3Page - NEC EB2-9TNU-R Datasheet HTML 4Page - NEC EB2-9TNU-R Datasheet HTML 5Page - NEC EB2-9TNU-R Datasheet HTML 6Page - NEC EB2-9TNU-R Datasheet HTML 7Page - NEC EB2-9TNU-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
EB2 SERIES
DATA SHEET ER0016EJ5V0DS00
TYPICAL PERFORMANCE DATA
80
60
40
20
0
1.0
0.5
0.4
0.3
0.2
30
100
200
250 V
220 V
0.136 A
0.25 A
DC Load (resistive)
AC Load (resistive)
Swiching Voltage (V)
100
200
300
400
Applied Power (mW)
SWITCHING CAPACITY
COIL TEMPERATURE RISE
2
1
0
100
200
300
500
400
Applied Power (mW)
2
1
0
100
200
300
500
400
Applied Power (mW)
OPERATE TIME
RELEASE TIME WITHOUT DIODE
RUNNING SPECIFICATIONS (Nonload)
Release Time
Operate Time
Bounce Time at Release
62.5 V
Bounce Time at Operate
2
1
0
100
200
300
500
400
Applied Power (mW)
RELEASE TIME WITH DIODE
Release Time
Bounce Time at Release
Operate Voltage
Release Voltage
01
1
2
3
4
5
23
Number of Operations (
× 106 operations)
510
Temperature : 85
°C
Drive : 5 Vdc, 10 Hz 50% duty
Sample : EB2.5 n=10
Load : None
01
1000
500
300
200
100
50
30
20
10
23
Number of Operations (
× 106 operations)
510
Make contact
Break contact



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com