Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-24TNU-R Datasheet(PDF) 1 Page - NEC

Part # EB2-24TNU-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-24TNU-R Datasheet(HTML) 1 Page - NEC

  EB2-24TNU-R Datasheet HTML 1Page - NEC EB2-24TNU-R Datasheet HTML 2Page - NEC EB2-24TNU-R Datasheet HTML 3Page - NEC EB2-24TNU-R Datasheet HTML 4Page - NEC EB2-24TNU-R Datasheet HTML 5Page - NEC EB2-24TNU-R Datasheet HTML 6Page - NEC EB2-24TNU-R Datasheet HTML 7Page - NEC EB2-24TNU-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
DESCRIPTION
The EB2 series is a version of the EA2 series, suitable for surface mounting with infrared soldering (lRS) and
vapor phase soldering (VPS). This series has three variations of high solder joint reliability type, and low profile
type.
FEATURES
™ Compact and lightweight : 7.5 mm
× 14.3 mm × 9.3 mm, 1.5 g
™ 2 form c contact arrangement
™ Low power consumption
™ Low magnetic interference
™ Breakdown voltage: 1 000 VAC (surge voltage 1 500 V), FCC Part 68 conformable
™ UL recognized (E73266), CSA certified (LR 46266)
™ Lineup in non-latch, single-coil latch and double-coil latch types
™ Lineup in minimum footprint (9.3
× 14.3), and high solder joint reliability (20 years) types
™ Lineup in low profile type (hight : 6.5 mm), and Ultra-low profile (hight : 5.6 mm)
APPLICATIONS
Electronic switching systems, PBX, key telephone systems, automatic test equipment and other electronic equipment.
ATTENTION
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over
current. Incorrect use could result in abnormal heating, damage to related parts or cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays for
your application.
EB2 SERIES
MINIATURE SIGNAL RELAY
COMPACT AND LIGHT WEIGHT
SURFACE MOUNTING TYPE
Document No. ER0016EJ5V0DS00 (5th edition)
Date Published February 1999 M
Printed in Japan
The information in this document is subject to change without notice.
©
1994


Similar Part No. - EB2-24TNU-R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-24TNU-L KEMET-EB2-24TNU-L Datasheet
1Mb / 17P
Electronic switching systems
More results

Similar Description - EB2-24TNU-R

ManufacturerPart #DatasheetDescription
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
HuaXinAn Electronics CO...
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
Small size and light weight
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
Small size and light weight
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
Compact and light weight
logo
Jianghai Europe GmbH
CD17HS JIANGHAI-CD17HS Datasheet
587Kb / 2P
Copampact and light weight
logo
NIHON DEMPA KOGYO
NX1610SA NDK-NX1610SA Datasheet
734Kb / 1P
Ultra compact, thin, and light weight tuning fork crystal unit.
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
Small size and light weight
logo
NIHON DEMPA KOGYO
NX3215SB NDK-NX3215SB Datasheet
94Kb / 1P
Ultra compact, thin, and light weight tuning fork crystal unit.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com