Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-3SNUH-R Datasheet(PDF) 2 Page - NEC

Part # EB2-3SNUH-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-3SNUH-R Datasheet(HTML) 2 Page - NEC

  EB2-3SNUH-R Datasheet HTML 1Page - NEC EB2-3SNUH-R Datasheet HTML 2Page - NEC EB2-3SNUH-R Datasheet HTML 3Page - NEC EB2-3SNUH-R Datasheet HTML 4Page - NEC EB2-3SNUH-R Datasheet HTML 5Page - NEC EB2-3SNUH-R Datasheet HTML 6Page - NEC EB2-3SNUH-R Datasheet HTML 7Page - NEC EB2-3SNUH-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
EB2 SERIES
DATA SHEET ER0016EJ5V0DS00
PART NUMBER SYSTEM
EB2 - 5 S NUH - L
EB2 series
Nominal voltage
3, 4.5, 5, 6, 9, 12, 24 volts
Latch type
Nil : Non latch type
S : Single coil latch type
T : Double coil latch type
Packaging code
Nil : Tube type
L
: Embossd carrying type (L type)
R : Embossd carrying type (R type)
Feature
Nil
: Standard type
NU
: UL recognized, CSA certified standard type
NUH : Minimum footprint type ∗
NUE : Low profile type ∗
NUL : Ultra-low profile type ∗
∗ UL recognized, CSA certified type
OUTLINE DRAWINGS AND DIMENSIONS
PAD LAYOUTS (bottom view)
14.3 MAX.(0.56)
9.3 MAX.(0.37)
14.3 MAX.(0.56)
9.3 MAX.(0.37)
11.5(0.45)
7.62(0.30)
9.3(0.37)
7.62(0.30)
2.54
(0.1)
2.54
2.54
2.54
Note. General tolerance:
±0.2 (±0.008)
Relay hight of NUE TYPE – 6.5 mm (0.26) MAX. (Initial)
Note. General tolerance:
±0.1 (±0.004)
2.54
(0.1)
2.54
2.54
2.54
EB2-..NUH
EB2-..
EB2-..NU
EB2-..NUE
Unit: mm (inch)
EB2-..NUH
EB2-..
EB2-..NU
EB2-..NUE
EB2-..NUL
Unit: mm (inch)
2.54(0.1)
1.0(0.04)
2.54(0.1)
1.0(0.04)
14.3 MAX.(0.56)
9.3 MAX.(0.37)
11.5 (0.45)
7.62 (0.30)
2.54
(0.1)
2.54
2.54
2.54
EB2-..NUL
PIN CONFIGURATIONS (bottom view)
12
3
4
5
10 9
8
7
6
12
3
4
5
12
3
4
5
10 9
8
S
R
S
R
76
10 9
8
7
6
Index mark of relay derection
Non-latch type
(not energized position)
Single coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
Double coil latch type
(reset position)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com