Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAW60R280CE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPAW60R280CE
Description  600V CoolMOS짧 CE Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAW60R280CE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPAW60R280CE Datasheet HTML 5Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 6Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 7Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 8Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 9Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 10Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 11Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 12Page - Infineon Technologies AG IPAW60R280CE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
600VCoolMOSªCEPowerTransistor
IPAW60R280CE
2016-03-31
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
0
10
20
30
40
50
60
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
120 V
480 V
VGS=f(Qgate);ID=6.5Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
25 °C
125 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
50
100
150
200
250
300
EAS=f(Tj);ID=2.4A;VDD=50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com