Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MTC_SERIES
Description  Fully Encapsulated Plastic Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MTC_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MTC_SERIES Datasheet HTML 1Page - Arch Electronics Corp. MTC_SERIES Datasheet HTML 2Page - Arch Electronics Corp. MTC_SERIES Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_5
update : 2011.01.07
AC-DC Medical
MTC SERIES
15 Watts
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MTC-3.3S
MTC-5S
MTC-7.35S
MTC-9S
MTC-12S
MTC-15S
MTC-24S
Max output wattage
( W )
9.9W
15W
15W
15W
15W
15W
15W
Voltage (V.DC.)
3.3V
5V
7.35V
9V
12V
15V
24V
Current (mA) max
3000
3000
2040
1666
1250
1000
625
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (Max..)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (0-100%) (Max.)
1%
1%
1%
1%
1%
1%
1%
Minimum load
0%
0%
0%
0%
0%
0%
0%
Efficiency (Typ)
75%
79%
79%
80%
81%
82%
83%
Output
Capacitor Load (max.)
40000 uF
10000 uF
4700 uF
3000 uF
1100 uF
1000 uF
820 uF
Model No.
( Dual Output )
MTC-5D
MTC-12D
MTC-15D
Max output wattage
( W )
15W
15W
15W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
1500
1500
625
625
500
500
Voltage set accuracy
±2%
±2%
±2%
Line regulation (Max.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (Max.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation
5%
3%
3%
Minimum load
10%
10%
10%
Efficiency (Typ)
79%
82%
82%
Output
Capacitor Load (max.)
±4700 uF
±560 uF
±500 uF
Model No.
( Triple Output )
MTC-5S12D
MTC-5S15D
Max output wattage
( W )
15W
15W
Output 1
Output 2
Output 3
Output 1
Output 2
Output 3
Voltage (V.DC.)
5
+12
-12
5
+15
-15
Current (mA) max
2000
200
200
2000
150
150
Voltage set accuracy
±2%
±3%
±2%
±3%
Line regulation (Max..)
0.5%
2%
0.5%
2%
Load regulation (10-100%) (Max.)
1%
5% (symmetric load)
1%
5% (symmetric load)
Cross regulation
1%
5%
1%
5%
Minimum load
25%
25%
Efficiency (Typ)
78%
78%
Output
Capacitor Load (max.)
10000 uF / ±470 uF
10000 uF / ±600 uF
KEY FEATURES
Switching Power Modules for PCB Mounting
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
Isolation Class II
UL60601-1 / IEC60601-1 / EC60601-1 Medical Safety Approvals
3-Years Product Warranty


Similar Part No. - MTC_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-S16101XRYHS ETC1-MTC-S16101XRYHS Datasheet
757Kb / 25P
LCD MODULE SPECIFICATION FOR CUSTOMERs APPROVAL
MTC-S16201XFGHSAY ETC2-MTC-S16201XFGHSAY Datasheet
740Kb / 25P
LCD MODULE SPECIFICATION FOR CUSTOMER APPROVAL
MTC-S16205DFGHSAY ETC-MTC-S16205DFGHSAY Datasheet
745Kb / 25P
LCD MODULE
MTC-S16208XFYHSGY ETC-MTC-S16208XFYHSGY Datasheet
717Kb / 25P
LCD MODULE SPECIFICATION FOR CUSTOMERS APPROVAL
logo
Murata Power Solutions ...
MTC1S0503MC3 MURATA-PS-MTC1S0503MC3 Datasheet
959Kb / 17P
Isolated 1W SM 2:1 Input Single Output DC-DC Converters
2022
More results

Similar Description - MTC_SERIES

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
AC/DC Power Module 15W Fully encapsulated Plastic Case
AAF-03 MINMAX-AAF-03 Datasheet
476Kb / 3P
Fully Encapsulated Plastic Case for PCB Mounting
logo
Arch Electronics Corp.
AFC_SERIES ARCH-AFC_SERIES Datasheet
404Kb / 5P
Fully Encapsulated Plastic Case
AFC-E1_SERIES ARCH-AFC-E1_SERIES Datasheet
404Kb / 5P
Fully Encapsulated Plastic Case
AIC_SERIES ARCH-AIC_SERIES Datasheet
150Kb / 2P
Fully Encapsulated Plastic Case
ANCA_SERIES ARCH-ANCA_SERIES Datasheet
407Kb / 5P
Fully Encapsulated Plastic Case
AOCH_SERIES ARCH-AOCH_SERIES Datasheet
217Kb / 3P
Fully Encapsulated Plastic Case
APC-E1_SERIES ARCH-APC-E1_SERIES Datasheet
449Kb / 5P
Fully Encapsulated Plastic Case
ATC_SERIES ARCH-ATC_SERIES Datasheet
463Kb / 5P
Fully Encapsulated Plastic Case
MSC_SERIES ARCH-MSC_SERIES Datasheet
257Kb / 3P
Fully Encapsulated Plastic Case
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com