Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLF25_SERIES Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # PLF25_SERIES
Description  Constant Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

PLF25_SERIES Datasheet(HTML) 1 Page - Arch Electronics Corp.

  PLF25_SERIES Datasheet HTML 1Page - Arch Electronics Corp. PLF25_SERIES Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : PA_2
update : 2010.10.20
LED Power
PLF25 SERIES
25 Watts
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
ELECTRICAL SPECIFICATIONS
Model No.
PLF25-18S
PLF25-24S
PLF25-36S
Max output wattage
( W )
25.2W
Voltage
(Note2)
90-277 VAC
Frequency (Hz)
50 / 60 Hz
Power factor
PF>0.92 at Full load (115 VAC) / PF>0.9 at Full load (230 VAC)
Current (Full load)
0.7A max. (115 VAC) / 0.35A max. (230 VAC)
Input
Inrush current
40 A max. (Cold Start at 230 VAC)
Voltage (V.DC.) (max)
18V
24V
36V
Constant Current Operation Voltage (max) (CC Mode) (Note3)
13.5~18VDC
18~24VDC
27~36VDC
Current Tolerance
±5%
Current Range (mA)
1400
1050
700
Ripple & Noise (max) (Note1)
3Vp-p
Output
Efficiency (typ)
83%
84%
85%
Over current protection
Auto recovery
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Auto recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-30°C…+70°C (with derating)
Storage temperature
-40°C…+85°C
Temperature coefficient
0.02%/°C
Humidity
95% RH
Environment
MTBF
>643,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.15 x 1.5 x 1.1 Inches
( 80.0 x 38.1 x 28.0 mm ) Tolerance
±0.5 mm
Weight
150 g
Physical
Cooling method
Free air convection
Safety Standards
Design refer to EN61347、EN61347-2-13、UL8750
(Pending)
EMI (Conducted & Radiated Emission)
Design refer to EN 55015
(Pending)
EMS (Noise Immunity)
Design refer to EN 61547
(Pending)
Safety & EMC
Harmonic Current
Design refer to EN 61000-3-2、EN 61000-3-3
(Pending)
Note:
KEY FEATURES
Fully Isolated Plastic Case with IP67 Level
Constant Current
With P.F.C. Function, PF>0.9
High Efficiency up to 85%
Free Air Convection
Protections: Over Load / Over Voltage /
.Short Circuit
High Reliability & Double Layered PCB
Ultra Compact Size: 3.15 x 1.5 x 1.1 Inches
2-Years Product Warranty
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2.Please check the derating curve for more details.
3.This is the suitable operation region for LED related application.but please reconfirm special electrical requirements for some specific
ststem design.


Similar Part No. - PLF25_SERIES

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
PLF25-1050 ARCH-PLF25-1050 Datasheet
224Kb / 2P
LED Power
PLF25-1400 ARCH-PLF25-1400 Datasheet
224Kb / 2P
LED Power
PLF25-350 ARCH-PLF25-350 Datasheet
224Kb / 2P
LED Power
PLF25-700 ARCH-PLF25-700 Datasheet
224Kb / 2P
LED Power
PLF25 ARCH-PLF25_16 Datasheet
222Kb / 2P
Fully Isolated Plastic Case with IP65 Level
More results

Similar Description - PLF25_SERIES

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
Constant-Current, Constant-Voltage Converter
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
Constant Current Output
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
Constant-Voltage, Constant-Current Controller
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
FM1801 FUMAN-FM1801 Datasheet
222Kb / 6P
Constant current constant voltage IC
logo
Guangdong Kexin Industr...
T6335A KEXIN-T6335A Datasheet
138Kb / 2P
Constant Current Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com