Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5301 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5301 Datasheet HTML 12Page - ON Semiconductor CS5301 Datasheet HTML 13Page - ON Semiconductor CS5301 Datasheet HTML 14Page - ON Semiconductor CS5301 Datasheet HTML 15Page - ON Semiconductor CS5301 Datasheet HTML 16Page - ON Semiconductor CS5301 Datasheet HTML 17Page - ON Semiconductor CS5301 Datasheet HTML 18Page - ON Semiconductor CS5301 Datasheet HTML 19Page - ON Semiconductor CS5301 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CS5301
http://onsemi.com
16
slewing to 300 mV – enough to allow for fast transients, but
not enough to interfere with soft–start. This window will be
noticeable as a step in the COMP pin voltage at startup. The
size of this step must be kept smaller than the Channel
Startup Offset (nominally 0.4 V) for proper soft–start
operation. If adaptive positioning is used the R9 and R8 form
a divider with the VDRP end held at the DAC voltage during
startup, which effectively makes the Channel Startup Offset
larger.
C12 is included for error amp stability. A capacitive load
is required on the error amp output. Use of values less than
1.0 nF may result in error amp oscillation of several MHz.
C11 and the parallel resistance of the VFB resistor (R9)
and the VDRP resistor (R8) are used to roll off the error amp
gain. The gain is rolled off at high enough frequency to give
a quick transient response, but low enough to cross zero dB
well below the switching frequency to minimize ripple and
noise on the COMP pin.
Figure 15. External UVLO Circuit
50 k
100 k
+12 V
+5.0 V
COMP
100 k
Layout Guidelines
With the fast rise, high output currents of microprocessor
applications, parasitic inductance and resistance should be
considered when laying out the power, filter and feedback
signal sections of the board. Typically, a multi–layer board
with at least one ground plane is recommended. If the layout
is such that high currents can exist in the ground plane
underneath the controller or control circuitry, the ground
plane can be slotted to reroute the currents away from the
controller. The slots should typically not be placed between
the controller and the output voltage or in the return path of
the gate drive. Additional power and ground planes or
islands can be added as required for a particular layout.
Output filter components should be placed on wide planes
connected directly to the load to minimize resistive drops
during heavy loads and inductive drops and ringing during
transients. If required, the planes for the output voltage and
return can be interleaved to minimize inductance between
the filter and load.
Voltage feedback should be taken from a point of the
output or the output filter that doesn’t favor any one phase.
If the feedback connection is closer to one inductor than the
others the ripple associated with that phase may appear
larger than the ripple associated with the other phases and
poor current sharing can result.
The current sense signal is typically tens of milli–volts.
Noise pick–up should be avoided wherever possible.
Current feedback traces should be routed away from noisy
areas such as switch nodes and gate drive signals. The paths
should be matched as well as possible. It is especially
important that all current sense signals be picked off at
similar points for accurate current sharing. If the current
signal is taken from a place other than directly at the inductor
any additional resistance between the pick–off point and the
inductor appears as part of the inherent inductor resistance
and should be considered in design calculations. Capacitors
for the current feedback networks should be placed as close
to the current sense pins as practical.
DESIGN PROCEDURE
Current Sensing, Power Stage and
Output Filter Components
1. Choose the output filter components to meet peak
transient requirements. The formula below can be
used to provide an approximate starting point for
capacitor choice, but will be inadequate to calculate
actual values.
DVPEAK + (DI DT)
ESL
) DI
ESR
Ideally the output filter should be simulated with
models including ESR, ESL, circuit board parasitics
and delays due to switching frequency and converter
response.
Typically
both
bulk
capacitance
(electrolytic, Oscon, etc.,) and low impedance
capacitance (ceramic chip) will be required. The bulk
capacitance provides “hold up” during the converter
response. The low impedance capacitance reduces
steady state ripple and bypasses the bulk capacitance
during slewing of output current.
2. For inductive current sensing (only) choose the
current sense network RC to provide a 25 mV
minimum ramp during steady state operation.
R
+ (VIN * VOUT)
VOUT VIN
f
C
25 mV
Then choose the inductor value and inherent
resistance to satisfy L/RL = R × C.
For ideal current sense compensation the ratio of L and
RL is fixed, so the values of L and RL will be a
compromise typically with the maximum value RL
limited by conduction losses or inductor temperature
rise and the minimum value of L limited by ripple
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com