Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2662 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2662
Description  Switched Capacitor Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2662 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2662 Datasheet HTML 3Page - National Semiconductor (TI) LM2662 Datasheet HTML 4Page - National Semiconductor (TI) LM2662 Datasheet HTML 5Page - National Semiconductor (TI) LM2662 Datasheet HTML 6Page - National Semiconductor (TI) LM2662 Datasheet HTML 7Page - National Semiconductor (TI) LM2662 Datasheet HTML 8Page - National Semiconductor (TI) LM2662 Datasheet HTML 9Page - National Semiconductor (TI) LM2662 Datasheet HTML 10Page - National Semiconductor (TI) LM2662 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Information
SIMPLE NEGATIVE VOLTAGE CONVERTER
The main application of LM2662/LM2663 is to generate a
negative supply voltage. The voltage inverter circuit uses
only two external capacitors as shown in the Basic Applica-
tion Circuits. The range of the input supply voltage is 1.5V to
5.5V. For a supply voltage less than 3.5V, the LV pin must be
connected to ground to bypass the internal regulator cir-
cuitry. This gives the best performance in low voltage appli-
cations. If the supply voltage is greater than 3.5V, LV may be
connected to ground or left open. The choice of leaving LV
open simplifies the direct substitution of the LM2662/
LM2663 for the LMC7660 Switched Capacitor Voltage Con-
verter.
The output characteristics of this circuit can be approximated
by an ideal voltage source in series with a resistor. The volt-
age source equals −(V+). The output resistance R
out is a
function of the ON resistance of the internal MOS switches,
the oscillator frequency, and the capacitance and ESR of C
1
and C
2. Since the switching current charging and discharg-
ing C
1 is approximately twice as the output current, the effect
of the ESR of the pumping capacitor C
1 is multiplied by four
in the output resistance. The output capacitor C
2 is charging
and discharging at a current approximately equal to the out-
put current, therefore, its ESR only counts once in the output
resistance. A good approximation is:
where R
SW is the sum of the ON resistance of the internal
MOS switches shown in
Figure 2.
High value, low ESR capacitors will reduce the output resis-
tance. Instead of increasing the capacitance, the oscillator
frequency can be increased to reduce the 2/(f
osc xC1) term.
Once this term is trivial compared with R
SW and ESRs, fur-
ther increasing in oscillator frequency and capacitance will
become ineffective.
The peak-to-peak output voltage ripple is determined by the
oscillator frequency, and the capacitance and ESR of the
output capacitor C
2:
Again, using a low ESR capacitor will result in lower ripple.
POSITIVE VOLTAGE DOUBLER
The LM2662/LM2663 can operate as a positive voltage dou-
bler (as shown in the Basic Application Circuits). The dou-
bling function is achieved by reversing some of the connec-
tions to the device. The input voltage is applied to the GND
pin with an allowable voltage from 2.5V to 5.5V. The V+ pin
is used as the output. The LV pin and OUT pin must be con-
nected to ground. The OSC pin can not be driven by an ex-
ternal clock in this operation mode. The unloaded output
voltage is twice of the input voltage and is not reduced by the
diode D
1’s forward drop.
The Schottky diode D
1 is only needed for start-up. The inter-
nal oscillator circuit uses the V+ pin and the LV pin (con-
nected to ground in the voltage doubler circuit) as its power
rails. Voltage across V+ and LV must be larger than 1.5V to
insure the operation of the oscillator. During start-up, D
1 is
used to charge up the voltage at V+ pin to start the oscillator;
also, it protects the device from turning-on its own parasitic
diode and potentially latching-up. Therefore, the Schottky di-
ode D
1 should have enough current carrying capability to
charge the output capacitor at start-up, as well as a low for-
ward voltage to prevent the internal parasitic diode from
turning-on. A Schottky diode like 1N5817 can be used for
most applications. If the input voltage ramp is less than 10V/
ms, a smaller Schottky diode like MBR0520LT1 can be used
to reduce the circuit size.
SPLIT V+ IN HALF
Another interesting application shown in the Basic Applica-
tion Circuits is using the LM2662/LM2663 as a precision volt-
age divider. Since the off-voltage across each switch equals
V
IN/2, the input voltage can be raised to +11V.
CHANGING OSCILLATOR FREQUENCY
For the LM2662, the internal oscillator frequency can be se-
lected using the Frequency Control (FC) pin. When FC is
open, the oscillator frequency is 20 kHz; when FC is con-
nected to V+, the frequency increases to 150 kHz. A higher
oscillator frequency allows smaller capacitors to be used for
equivalent output resistance and ripple, but increases the
typical supply current from 0.3 mA to 1.3 mA.
The oscillator frequency can be lowered by adding an exter-
nal capacitor between OSC and GND (See typical perfor-
mance characteristics). Also, in the inverter mode, an exter-
nal clock that swings within 100 mV of V+ and GND can be
used to drive OSC. Any CMOS logic gate is suitable for driv-
ing OSC. LV must be grounded when driving OSC. The
maximum external clock frequency is limited to 150 kHz.
The switching frequency of the converter (also called the
charge pump frequency) is half of the oscillator frequency.
Note: OSC cannot be driven by an external clock in the voltage-doubling
mode.
TABLE 1. LM2662 Oscillator Frequency Selection
FC
OSC
Oscillator
Open
Open
20 kHz
V+
Open
150 kHz
Open or V+
External Capacitor
See Typical
Performance
Characteristics
N/A
External Clock
External Clock
(inverter mode only)
Frequency
TABLE 2. LM2663 Oscillator Frequency Selection
OSC
Oscillator
Open
150 kHz
External
Capacitor
See Typical Performance
Characteristics
External Clock
External Clock Frequency
(inverter mode only)
SHUTDOWN MODE
For the LM2663, a shutdown (SD) pin is available to disable
the device and reduce the quiescent current to 10 µA. Apply-
ing a voltage greater than 2V to the SD pin will bring the de-
vice into shutdown mode. While in normal operating mode,
the SD pin is connected to ground.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com