Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5301GDWR32 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5301GDWR32
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301GDWR32 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5301GDWR32 Datasheet HTML 7Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 8Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 9Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 10Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 11Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 12Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 13Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 14Page - ON Semiconductor CS5301GDWR32 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS5301
http://onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
RROSC Value, kΩ
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
Figure 4. VFB Bias Current vs. RROSC Value
8
Load Capacitance, nF
Figure 5. Gate(H) Rise–time vs. Load Capacitance
measured from 1.0 V to 4.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 6. Gate(H) Fall–time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 7. Gate(L) Rise–time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 8. Gate(L) Fall–time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
50
RROSC Value, kΩ
0
20
15
25
10
60
70
80
20
30
40
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com