Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM6202FS Datasheet(PDF) 13 Page - Rohm

Part # BM6202FS
Description  3-Phase Brushless Fan Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6202FS Datasheet(HTML) 13 Page - Rohm

Back Button BM6202FS Datasheet HTML 9Page - Rohm BM6202FS Datasheet HTML 10Page - Rohm BM6202FS Datasheet HTML 11Page - Rohm BM6202FS Datasheet HTML 12Page - Rohm BM6202FS Datasheet HTML 13Page - Rohm BM6202FS Datasheet HTML 14Page - Rohm BM6202FS Datasheet HTML 15Page - Rohm BM6202FS Datasheet HTML 16Page - Rohm BM6202FS Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/19
Datasheet
Datasheet
BM6202FS
TSZ02201-0828AB400090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.FEB.2013 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
 Typical Performance Curves (Reference data) - Continued
Figure 31. Bootstrap diode forward voltage
Figure 32. Bootstrap series resistor
Figure 29. Output MOSFET ON resistance
Figure 30. Output MOSFET body diode
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
Drain Current : IDS [A]
125°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
Source Current : ISD [A]
-25°C
25°C
125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
024
68
10
Bootstrap Diode Current : IBD [mA]
-25°C
25°C
125°C
0
1
2
3
4
02
4
6
8
10
Bootstrap Series Resistor Current : IBR [mA]
125°C
25°C
-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com