Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7805BT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # LM7805BT
Description  isc Three Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LM7805BT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LM7805BT Datasheet HTML 1Page - Inchange Semiconductor Company Limited LM7805BT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Three Terminal Positive Voltage Regulator
LM7805BT
FEATURES
·
Output current in excess of 1.5A
·
Output voltage of 5V
·
Internal thermal overload protection
·
Output transition Safe-Area compensation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
Vi
DC input voltage
35
V
Io
Output current
internally limited
Ptot
Power dissipation
internally limited
TOP
Operating junction temperature
0~150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
50
℃
/W


Similar Part No. - LM7805BT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM7805BJ3 CYSTEKEC-LM7805BJ3 Datasheet
315Kb / 7P
Three Terminal Positive Voltage Regulators
More results

Similar Description - LM7805BT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KA7805E ISC-KA7805E Datasheet
222Kb / 2P
isc Three Terminal Positive Voltage Regulator
KA7812E ISC-KA7812E Datasheet
223Kb / 2P
isc Three Terminal Positive Voltage Regulator
MC7805 ISC-MC7805 Datasheet
222Kb / 2P
isc Three Terminal Positive Voltage Regulator
BA17812FP ISC-BA17812FP Datasheet
223Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7805K ISC-L7805K Datasheet
173Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7812CV ISC-L7812CV Datasheet
253Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7815CV ISC-L7815CV Datasheet
253Kb / 2P
isc Three Terminal Positive Voltage Regulator
LM7812 ISC-LM7812_19 Datasheet
228Kb / 2P
isc Three Terminal Positive Voltage Regulator
NJM7805 ISC-NJM7805 Datasheet
266Kb / 2P
isc Three Terminal Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com