Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151F-800 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT151F-800
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT151F-800 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT151F-800 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BT151F-800 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Thyristors
BT151F-800
DESCRIPTION
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
In a full package ,plastic envelope
APPLICATIONS
·
BT151F series is intended for use in applications requiring high
Bidirectional blocking voltage capability and high thermal cycling
performance
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(AV)
On-state current Tc=80℃
5.7
A
ITSM
Surge non-repetitive on-state
current Tp=10ms
100
A
PG(AV)
Average gate power
0.5
W
di/dt
Repetitive rate of rise of on-state
current after triggering
Tj=125℃
50
A/us
I2t
I2t for fusing t = 10 ms
50
A2S
IGM
Peak gate current
tp=20us ,Tj=125℃
2
A
Tj
Operating Junction temperature
125
℃
Tstg
Storage temperature
-40 ~+150
℃


Similar Part No. - BT151F-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151F-800 PHILIPS-BT151F-800 Datasheet
45Kb / 6P
Thyristors
February 1996 Rev 1.100
logo
DIYI Electronic Technol...
BT151F-800R DYELEC-BT151F-800R Datasheet
2Mb / 5P
Typical applications include motor control
More results

Similar Description - BT151F-800

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com