Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL815 Datasheet(PDF) 3 Page - Micronas

Part # HAL815
Description  Programmable Linear Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL815 Datasheet(HTML) 3 Page - Micronas

  HAL815 Datasheet HTML 1Page - Micronas HAL815 Datasheet HTML 2Page - Micronas HAL815 Datasheet HTML 3Page - Micronas HAL815 Datasheet HTML 4Page - Micronas HAL815 Datasheet HTML 5Page - Micronas HAL815 Datasheet HTML 6Page - Micronas HAL815 Datasheet HTML 7Page - Micronas HAL815 Datasheet HTML 8Page - Micronas HAL815 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADVANCE INFORMATION
HAL 815
Micronas
3
Programmable Linear Hall Effect Sensor
1. Introduction
The HAL 815 is a new member of the Micronas family
of programmable linear Hall sensors. As an extension
to the HAL 800, it offers open-circuit, as well as over-
voltage and undervoltage detection and individual pro-
gramming of different sensors which are in parallel to
the same supply voltage.
The HAL 815 is an universal magnetic field sensor with
a linear output based on the Hall effect. The IC is
designed and produced in sub-micron CMOS technol-
ogy and can be used for angle or distance measure-
ments if combined with a rotating or moving magnet.
The major characteristics like magnetic field range,
sensitivity, output quiescent voltage (output voltage at
B = 0 mT), and output voltage range are programma-
ble in a non-volatile memory. The sensor has a ratio-
metric output characteristic, which means that the out-
put voltage is proportional to the magnetic flux and the
supply voltage.
The HAL 815 features a temperature-compensated
Hall plate with choppered offset compensation, an A/D
converter, digital signal processing, a D/A converter
with output driver, an EEPROM memory with redun-
dancy and lock function for the calibration data, a
serial interface for programming the EEPROM, and
protection devices at all pins. The internal digital signal
processing is of great benefit because analog offsets,
temperature shifts, and mechanical stress do not
degrade the sensor accuracy.
The HAL 815 is programmable by modulating the sup-
ply voltage. No additional programming pin is needed.
The easy programmability allows a 2-point calibration
by adjusting the output voltage directly to the input sig-
nal (like mechanical angle, distance, or current). Indi-
vidual adjustment of each sensor during the cus-
tomer’s manufacturing process is possible. With this
calibration procedure, the tolerances of the sensor, the
magnet, and the mechanical positioning can be com-
pensated in the final assembly. This offers a low-cost
alternative for all applications that presently need
mechanical adjustment or laser trimming for calibrating
the system.
In addition, the temperature compensation of the Hall
IC can be fit to all common magnetic materials by pro-
gramming first and second order temperature coeffi-
cients of the Hall sensor sensitivity. This enables oper-
ation over the full temperature range with high
accuracy.
The calculation of the individual sensor characteristics
and the programming of the EEPROM memory can
easily be done with a PC and the application kit from
Micronas.
The sensor is designed for hostile industrial and auto-
motive applications and operates with typically 5 V
supply voltage in the ambient temperature range from
−40 °C up to 150 °C. The HAL 815 is available in the
very small leaded package TO-92UT.
1.1. Major Applications
Due to the sensor’s versatile programming character-
istics, the HAL 815 is the optimal system solution for
applications such as:
– contactless potentiometers,
– angle sensors,
– distance measurements,
– magnetic field and current measurement.
1.2. Features
– high-precision linear Hall effect sensor with
ratiometric output and digital signal processing
– multiple programmable magnetic characteristics in a
non-volatile memory (EEPROM) with redundancy
and lock function
– open-circuit (ground and supply line break detec-
tion), overvoltage and undervoltage detection
– for programming an individual sensor within several
sensors in parallel to the same supply voltage, a
selection can be done via the output pin
– to enable programming of an individual sensor
amongst several sensors running parallel to the
same supply voltage, each sensor can be selected
via its output pin
– temperature characteristics are programmable for
matching all common magnetic materials
– programmable clamping function
– programming through a modulation of the supply
voltage
– operates from
−40 °C up to 150 °C
ambient temperature
– operates from 4.5 V up to 5.5 V supply voltage in
specification and functions up to 8.5 V
– total error < 2.0% over operating voltage range and
temperature range
– operates with static magnetic fields and dynamic
magnetic fields up to 2 kHz
– overvoltage and reverse-voltage protection at all pins
– magnetic characteristics extremely robust against
mechanical stress
– short-circuit protected push-pull output
– EMC and ESD optimized design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com