Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1220 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F1220
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220 Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F1220 Datasheet HTML 1Page - Microchip Technology PIC18F1220 Datasheet HTML 2Page - Microchip Technology PIC18F1220 Datasheet HTML 3Page - Microchip Technology PIC18F1220 Datasheet HTML 4Page - Microchip Technology PIC18F1220 Datasheet HTML 5Page - Microchip Technology PIC18F1220 Datasheet HTML 6Page - Microchip Technology PIC18F1220 Datasheet HTML 7Page - Microchip Technology PIC18F1220 Datasheet HTML 8Page - Microchip Technology PIC18F1220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 310 page
background image
 2004 Microchip Technology Inc.
DS39605C-page 1
Low-Power Features:
• Power Managed modes:
- Run: CPU on, peripherals on
- Idle: CPU off, peripherals on
- Sleep: CPU off, peripherals off
• Power Consumption modes:
- PRI_RUN: 150
µA, 1 MHz, 2V
- PRI_IDLE: 37
µA, 1 MHz, 2V
- SEC_RUN: 14
µA, 32 kHz, 2V
- SEC_IDLE: 5.8
µA, 32 kHz, 2V
- RC_RUN: 110
µA, 1 MHz, 2V
- RC_IDLE: 52
µA, 1 MHz, 2V
- Sleep: 0.1
µA, 1 MHz, 2V
• Timer1 Oscillator: 1.1
µA, 32 kHz, 2V
• Watchdog Timer: 2.1
µA
• Two-Speed Oscillator Start-up
Oscillators:
• Four Crystal modes:
- LP, XT, HS: up to 25 MHz
- HSPLL: 4-10 MHz (16-40 MHz internal)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal oscillator block:
- 8 user-selectable frequencies: 31 kHz, 125 kHz,
250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz
- 125 kHz to 8 MHz calibrated to 1%
- Two modes select one or two I/O pins
- OSCTUNE – Allows user to shift frequency
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor
- Allows for safe shutdown if peripheral clock stops
Peripheral Highlights:
• High current sink/source 25 mA/25 mA
• Three external interrupts
• Enhanced Capture/Compare/PWM (ECCP) module:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
- Capture is 16-bit, max resolution 6.25 ns (TCY/16)
- Compare is 16-bit, max resolution 100 ns (TCY)
• Compatible 10-bit, up to 13-channel Analog-to-
Digital Converter module (A/D) with programmable
acquisition time
• Enhanced USART module:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-Wake-up on Start bit
- Auto-Baud Detect
Special Microcontroller Features:
• 100,000 erase/write cycle Enhanced Flash
program memory typical
• 1,000,000 erase/write cycle Data EEPROM
memory typical
• Flash/Data EEPROM Retention: > 40 years
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 41 ms to 131s
- 2% stability over VDD and Temperature
• Single-supply 5V In-Circuit Serial Programming™
(ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Wide operating voltage range: 2.0V to 5.5V
Device
Program Memory
Data Memory
I/O
10-bit
A/D (ch)
ECCP
(PWM)
EUSART
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
PIC18F1220
4K
2048
256
256
16
7
1
Y
1/3
PIC18F1320
8K
4096
256
256
16
7
1
Y
1/3
18/20/28-Pin High-Performance, Enhanced Flash MCUs
with 10-bit A/D and nanoWatt Technology
PIC18F1220/1320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com