Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC06ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LVC06ADR2G
Description  Low-Voltage CMOS Hex Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  74LVC06ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74LVC06A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Unit
−40 to +125
5C
−40 to +85
5C
Conditions
Parameter
Symbol
Unit
Max
Typ
(Note 4)
Min
Max
Typ
(Note 4)
Min
Conditions
Parameter
ICC
Supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
−
0.1
10
−
0.1
40
mA
DICC
Additional supply current
per input pin; VI = VCC − 0.6 V;
IO = 0 A; VCC = 2.7 V to 5.5 V
−
5
500
−
5
5000
mA
4. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 5)
Max
Min
Typ
(Note 5)
Max
tpZL
OFF−state to LOW
propagation delay An
to On
VCC = 1.2 V
−
9.0
−
−
−
−
ns
VCC = 1.65 V to 1.95 V
0.5
2.8
5.7
0.5
−
6.7
VCC = 2.3 V to 2.7 V
0.5
1.9
3.1
0.5
−
4.0
VCC = 2.7 V
0.5
1.8
3.9
0.5
−
5.0
VCC = 3.0 V to 3.6 V
0.5
1.8
3.7
0.5
−
5.0
VCC = 4.5 V to 5.5 V
0.5
1.5
2.5
0.5
−
5.0
tpLZ
LOW to OFF−state
propagation delay An
to On
VCC = 1.2 V
−
10.0
−
−
−
−
ns
VCC = 1.65 V to 1.95 V
0.5
2.6
5.7
0.5
−
6.7
VCC = 2.3 V to 2.7 V
0.5
1.4
3.1
0.5
−
4.0
VCC = 2.7 V
0.5
2.6
3.9
0.5
−
5.0
VCC = 3.0 V to 3.6 V
0.5
2.2
3.7
0.5
−
5.0
VCC = 4.5 V to 5.5 V
0.5
1.5
2.6
−
−
3.5
5. Typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOLP
Dynamic LOW Peak Voltage (Note 6)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note 6)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
6. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS (TA = +25°C)
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
5.0
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
6.0
pF
CPD
Power Dissipation Capacitance (Note 7)
Per input; VI = GND or VCC
pF
VCC = 1.65 V to 1.95 V
6.5
VCC = 2.3 V to 2.7 V
6.9
VCC = 3.0 V to 3.6 V
7.2
7. CPD is used to determine the dynamic power dissipation (PD in mW)
PD = CPD * VCC2 x fi * N + L (CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF VCC = supply voltage in Volts
N = number of outputs switching L (CL * VCC2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com