Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC07ADR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVC07ADR2G
Description  Low-Voltage CMOS Hex Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC07ADR2G Datasheet(HTML) 2 Page - ON Semiconductor

  74LVC07ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
74LVC07A
www.onsemi.com
2
2
O0
1
A0
4
O1
3
A1
6
O2
5
A2
12
O3
13
A3
10
O4
11
A4
8
O5
9
A5
Figure 2. Logic Diagram
*
*
*
*
*
*
* OD
Table 1. PIN NAMES
Pins
Function
An
On
Data Inputs
Outputs
Table 2. TRUTH TABLE
An
On
L
H
L
Z
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
−0.5 to +6.5
V
VI
DC Input Voltage
−0.5
≤ VI ≤ +6.5
V
VO
DC Output Voltage
−0.5
≤ VO ≤ +6.5
Output in 3−State
V
−0.5
≤ VO ≤ VCC + 0.5
Output in HIGH or LOW State (Note 1)
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
TL = 260
°C
TJ
Junction Temperature Under Bias
TJ = 135
°C
qJA
Thermal Resistance (Note 2)
SOIC = 85
TSSOP = 100
°C/W
MSL
Moisture Sensitivity
Level 1
ILATCHUP
Latch−up Performance at VCC = 3.6 V
and 125
°C (Note 3)
±250
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
3. Tested to EIA/JES078.
ORDERING INFORMATION
Device
Package
Shipping†
74LVC07ADR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
74LVC07ADTR2G
TSSOP−14
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com