Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC541A Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LVC541A
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC541A Datasheet(HTML) 5 Page - ON Semiconductor

  74LVC541A Datasheet HTML 1Page - ON Semiconductor 74LVC541A Datasheet HTML 2Page - ON Semiconductor 74LVC541A Datasheet HTML 3Page - ON Semiconductor 74LVC541A Datasheet HTML 4Page - ON Semiconductor 74LVC541A Datasheet HTML 5Page - ON Semiconductor 74LVC541A Datasheet HTML 6Page - ON Semiconductor 74LVC541A Datasheet HTML 7Page - ON Semiconductor 74LVC541A Datasheet HTML 8Page - ON Semiconductor 74LVC541A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC541A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (tR = tF = 2.5 ns)
Symbol
Parameter
Conditions
−40
5C to +855C
−40
5C to +1255C
Unit
Min
Typ1
Max
Min
Typ1
Max
tpd
Propagation Delay (Note 6)
nAn to nYn
VCC = 1.2 V
−
14.0
−
−
−
−
ns
VCC = 1.65 V to 1.95 V
1.5
6.5
13.8
1.5
−
16.0
VCC = 2.3 V to 2.7 V
1.0
3.5
6.8
1.0
−
7.9
VCC = 2.7 V
1.5
3.5
5.6
1.5
−
7.0
VCC = 3.0 V to 3.6 V
1.0
2.9
5.1
1.0
−
6.5
ten
Enable Time (Note 7)
nOE to nYn
VCC = 1.2 V
−
20.0
−
−
−
−
ns
VCC = 1.65 V to 1.95 V
1.8
7.7
16.0
1.8
−
18.5
VCC = 2.3 V to 2.7 V
1.5
4.3
8.8
1.5
−
10.2
VCC = 2.7 V
1.5
4.4
7.5
1.5
−
9.5
VCC = 3.0 V to 3.6 V
1.0
3.5
7.0
1.0
−
9.0
tdis
Disable Time (Note 8)
nOE to nYn
VCC = 1.2 V
−
11.0
−
−
−
−
ns
VCC = 1.65 V to 1.95 V
3.0
4.9
10.3
3.0
−
11.9
VCC = 2.3 V to 2.7 V
1.0
2.7
5.9
1.0
−
6.8
VCC = 2.7 V
1.5
3.7
7.0
1.5
−
9.0
VCC = 3.0 V to 3.6 V
1.0
3.3
6.0
1.0
−
7.5
tsk(0)
Output Skew Time (Note 9)
−
−
1
−
−
1.5
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Typical values are measured at TA = 25
°C and VCC = 3.3 V, unless stated otherwise.
6. tpd is the same as tPLH and tPHL.
7. ten is the same as tPZL and tPZH.
8. tdis is the same as tPLZ and tPHZ.
9. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
TA = +25°C
Unit
Min
Typ
Max
VOLP
Dynamic LOW Peak Voltage (Note 10)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
0.8
0.6
V
VOLV
Dynamic LOW Valley Voltage (Note
10)
VCC = 3.3 V, CL = 50 pF, VIH = 3.3 V, VIL = 0 V
VCC = 2.5 V, CL = 30 pF, VIH = 2.5 V, VIL = 0 V
−0.8
−0.6
V
10. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 3.3 V, VI = 0 V or VCC
4.0
pF
COUT
Output Capacitance
VCC = 3.3 V, VI = 0 V or VCC
5.0
pF
CPD
Power Dissipation Capacitance
(Note 11)
Per input; VI = GND or VCC
pF
VCC = 1.65 V to 1.95 V
7.7
VCC = 2.3 V to 2.7 V
11.3
VCC = 3.0 V to 3.6 V
14.4
11. CPD is used to determine the dynamic power dissipation (PD in mW).
PD = CPD * VCC2 x fi * N + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF VCC = supply voltage in Volts
N = number of outputs switching
S(CL * VCC2 x fo) = sum of the outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com