Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2672 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2672
Description  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2672 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2672 Datasheet HTML 1Page - National Semiconductor (TI) LM2672 Datasheet HTML 2Page - National Semiconductor (TI) LM2672 Datasheet HTML 3Page - National Semiconductor (TI) LM2672 Datasheet HTML 4Page - National Semiconductor (TI) LM2672 Datasheet HTML 5Page - National Semiconductor (TI) LM2672 Datasheet HTML 6Page - National Semiconductor (TI) LM2672 Datasheet HTML 7Page - National Semiconductor (TI) LM2672 Datasheet HTML 8Page - National Semiconductor (TI) LM2672 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM2672
SIMPLE SWITCHER® Power Converter High Efficiency
1A Step-Down Voltage Regulator with Features
General Description
The LM2672 series of regulators are monolithic integrated
circuits built with a LMDMOS process. These regulators
provide all the active functions for a step-down (buck)
switching regulator, capable of driving a 1A load current with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5.0V, 12V, and an
adjustable output version.
Requiring a minimum number of external components, these
regulators are simple to use and include patented internal
frequency compensation (Patent Nos. 5,382,918 and
5,514,947), fixed frequency oscillator, external shutdown,
soft-start, and frequency synchronization.
The LM2672 series operates at a switching frequency of
260 kHz, thus allowing smaller sized filter components than
what would be needed with lower frequency switching regu-
lators. Because of its very high efficiency (>90%), the cop-
per traces on the printed circuit board are the only heat
sinking needed.
A family of standard inductors for use with the LM2672 are
available from several different manufacturers. This feature
greatly simplifies the design of switch-mode power supplies
using these advanced ICs. Also included in the datasheet
are selector guides for diodes and capacitors designed to
work in switch-mode power supplies.
Other features include a guaranteed ±1.5% tolerance on
output voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency. Ex-
ternal shutdown is included, featuring typically 50 µA
stand-by current. The output switch includes current limiting,
as well as thermal shutdown for full protection under fault
conditions.
To simplify the LM2672 buck regulator design procedure,
there exists computer design software, LM267X Made
Simple version 1.0.
Features
n
Efficiency up to 96%
n
Available in SO-8 and 8-pin DIP packages
n
Computer Design Software LM267X Made Simple
version 1.0
n
Simple and easy to design with
n
Requires only 5 external components
n
Uses readily available standard inductors
n
3.3V, 5.0V, 12V, and adjustable output versions
n
Adjustable version output voltage range: 1.21V to 37V
n ±
1.5% max output voltage tolerance over line and load
conditions
n
Guaranteed 1A output load current
n
0.25
Ω DMOS Output Switch
n
Wide input voltage range: 8V to 40V
n
260 kHz fixed frequency internal oscillator
n
TTL shutdown capability, low power standby mode
n
Soft-start and frequency synchronization
n
Thermal shutdown and current limit protection
Typical Applications
n
Simple High Efficiency (>90%) Step-Down (Buck)
Regulator
n
Efficient Pre-Regulator for Linear Regulators
Typical Application (Fixed Output Voltage
Versions)
01293401
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
Windows® is a registered trademark of Microsoft Corporation.
February 2005
© 2005 National Semiconductor Corporation
DS012934
www.national.com


Similar Part No. - LM2672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672 Datasheet
616Kb / 26P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
475Kb / 25P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672 TI-LM2672 Datasheet
1Mb / 33P
LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672 TI1-LM2672 Datasheet
1Mb / 36P
LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results

Similar Description - LM2672

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com