Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN50R2K0CE Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPN50R2K0CE
Description  500V CoolMOS짧 CE Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPN50R2K0CE Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPN50R2K0CE Datasheet HTML 1Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 2Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 3Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 4Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 5Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 6Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 7Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 8Page - Infineon Technologies AG IPN50R2K0CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
500VCoolMOSªCEPowerTransistor
IPN50R2K0CE
Rev.2.1,2016-06-13
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
3.6
2.3
A
TC = 25°C
TC = 100°C
Pulsed drain current
2)
ID,pulse
-
-
6.1
A
TC = 25°C
Avalanche energy, single pulse
EAS
-
-
34
mJ
ID = 0.8A; VDD = 50V
Avalanche energy, repetitive
EAR
-
-
0.05
mJ
ID = 0.8A; VDD = 50V
Avalanche current, repetitive
IAR
-
-
0.8
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
50
V/ns
VDS=0...400V
Gate source voltage
VGS
-20
-30
-
-
20
30
V
static;
AC (f>1 Hz)
Power dissipation
Ptot
-
-
5.0
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-40
-
150
°C
-
Continuous diode forward current
IS
-
-
1.0
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
6.1
A
TC = 25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C,
tcond<2
µs
Maximum diode commutation speed
3)
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C,
tcond<2
µs
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - solder
point
RthJS
-
-
25
°C/W -
Thermal resistance, junction - ambient
for minimal footprint
RthJA
-
-
160
°C/W minimal footprint
Thermal resistance, junction - ambient
soldered on copper area
RthJA
-
-
75
°C/W
Device on 40mm*40mm*1.5 epoxy
PCB FR4 with 6cm
2 (one layer 70
µm
thick) copper area for drain
connection and cooling. PCB is
vertical without blown air.
Soldering temperature, wavesoldering
only allowed at leads
Tsold
-
-
260
°C
reflow MSL3
1) DPAK equivalent. Limited by Tj max. Maximum duty cycle D=0.5
2) Pulse width tp limited by Tj,max
3)VDClink=400V;VDS,peak<V(BR)DSS;identicallowsideandhighsideswitchwithidenticalRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com