Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI409YI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDI409YI
Description  9 Amp Low-Side Ultrafast MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI409YI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDI409YI Datasheet HTML 1Page - IXYS Corporation IXDI409YI Datasheet HTML 2Page - IXYS Corporation IXDI409YI Datasheet HTML 3Page - IXYS Corporation IXDI409YI Datasheet HTML 4Page - IXYS Corporation IXDI409YI Datasheet HTML 5Page - IXYS Corporation IXDI409YI Datasheet HTML 6Page - IXYS Corporation IXDI409YI Datasheet HTML 7Page - IXYS Corporation IXDI409YI Datasheet HTML 8Page - IXYS Corporation IXDI409YI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IXDD409PI / 409SI / 409YI / 409CI
IXDI409PI / 409SI / 409YI / 409CI
IXDN409PI / 409SI / 409YI / 409CI
Typical Performance Characteristics
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
RiseTimesvs. SupplyVoltage
0
5
10
15
20
25
30
35
40
8
9
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
2950 pF
5860 pF
8900 pF
11900 pF
1500 pF
Rise Time vs. Load Capacitance
5
10
15
20
25
30
35
1.35
2.7
5.4
8.1
10.8
Load Capacitance
8V
10V
12V
14V
16V
18V
Fall Timesvs. SupplyVoltage
0
5
10
15
20
25
30
8
9
10
11
12
13
14
15
16
17
18
Supply Voltage (V)
5860 pF
2950 pF
8900 pF
11900 pF
1500 pF
Fall Time vs. Load Capacitance
5
7
9
11
13
15
17
19
21
23
25
1.35
2.7
5.4
8.1
10.8
Load Capacitance (nF)
8V
10V
12V
14V
16V
18V
Rise And Fall Times vs. Temperature
CL=2500pF, Vcc=18V
0
2
4
6
8
10
12
-40
-20
0
2540
6085
Tem perature
Risetime
Falltime
Max/ MinInput vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
25406085
Temperature
MinimumInput Low
MaximumInput High



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com