Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2673 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2673
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2673 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2673 Datasheet HTML 1Page - National Semiconductor (TI) LM2673 Datasheet HTML 2Page - National Semiconductor (TI) LM2673 Datasheet HTML 3Page - National Semiconductor (TI) LM2673 Datasheet HTML 4Page - National Semiconductor (TI) LM2673 Datasheet HTML 5Page - National Semiconductor (TI) LM2673 Datasheet HTML 6Page - National Semiconductor (TI) LM2673 Datasheet HTML 7Page - National Semiconductor (TI) LM2673 Datasheet HTML 8Page - National Semiconductor (TI) LM2673 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Connection Diagrams and Ordering Information
TO-263 Package
Top View
TO-220 Package
Top View
10091301
Order Number
LM2673S-3.3, LM2673S-5.0,
LM2673S-12 or LM2673S-ADJ
See NSC Package Number TS7B
10091302
Order Number
LM2673T-3.3, LM2673T-5.0,
LM2673T-12 or LM2673T-ADJ
See NSC Package Number TA07B
Top View
10091335
LLP-14
See NS package Number SRC14A
Ordering Information for LLP Package
Output Voltage
Order Information
Package Marking
Supplied As
12
LM2673SD-12
S0002SB
250 Units on Tape and Reel
12
LM2673SDX-12
S0002SB
2500 Units on Tape and Reel
3.3
LM2673SD-3.3
S0002TB
250 Units on Tape and Reel
3.3
LM2673SDX-3.3
S0002TB
2500 Units on Tape and Reel
5.0
LM2673SD-5.0
S0002UB
250 Units on Tape and Reel
5.0
LM2673SDX-5.0
S0002UB
2500 Units on Tape and Reel
ADJ
LM2673SD-ADJ
S0002VB
250 Units on Tape and Reel
ADJ
LM2673SDX-ADJ
S0002VB
2500 Units on Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com