Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3729 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3729
Description  550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3729 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3729 Datasheet HTML 17Page - Linear Technology LTC3729 Datasheet HTML 18Page - Linear Technology LTC3729 Datasheet HTML 19Page - Linear Technology LTC3729 Datasheet HTML 20Page - Linear Technology LTC3729 Datasheet HTML 21Page - Linear Technology LTC3729 Datasheet HTML 22Page - Linear Technology LTC3729 Datasheet HTML 23Page - Linear Technology LTC3729 Datasheet HTML 24Page - Linear Technology LTC3729 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC3729
sn3729 3729fas
increasingly lower output voltages and higher currents
required by high performance digital systems is not dou-
bling but quadrupling the importance of loss terms in the
switching regulator system!
4) Transition losses apply only to the topside MOSFET(s),
and only when operating at high input voltages (typically
20V or greater). Transition losses can be estimated from:
Transition Loss = (1.7) VIN2 IO(MAX) CRSS f
Other “hidden” losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is very
important to include these “system” level losses in the
design of a system. The internal battery and input fuse
resistance losses can be minimized by making sure that
CIN has adequate charge storage and a very low ESR at the
switching frequency. A 50W supply will typically require a
minimum of 200
µF to 300µF of capacitance having a
maximum of 10m
Ω to 20mΩ of ESR. The LTC3729
PolyPhase architecture typically halves to quarters this
input capacitance requirement over competing solutions.
Other losses including Schottky conduction losses during
dead-time and inductor core losses generally account for
less than 2% total additional loss.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in DC (resistive) load
current. When a load step occurs, VOUT shifts by an
amount equal to
∆ILOAD(ESR), where ESR is the effective
series resistance of COUT(∆ILOAD) also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem.
The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC coupled and
AC filtered closed loop response test point. The DC step,
rise time, and settling at this test point truly reflects the
closed loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin. The ITH external components
shown in the Figure 1 circuit will provide an adequate
starting point for most applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
(from 0.2 to 5 times their suggested values) to maximize
transient response once the final PC layout is done and the
particular output capacitor type and value have been
determined. The output capacitors need to be decided
upon because the various types and values determine the
loop feedback factor gain and phase. An output current
pulse of 20% to 80% of full-load current having a rise time
of <2
µs will produce output voltage and ITHpinwaveforms
that will give a sense of the overall loop stability without
breaking the feedback loop. The initial output voltage step
resulting from the step change in output current may not
be within the bandwidth of the feedback loop, so this signal
cannot be used to determine phase margin. This is why it
is better to look at the Ith pin signal which is in the feedback
loop and is the filtered and compensated control loop
response. The gain of the loop will be increased by
increasing RC and the bandwidth of the loop will be
increased by decreasing CC. If RC is increased by the same
factor that CC is decreased, the zero frequency will be kept
the same, thereby keeping the phase shift the same in the
most critical frequency range of the feedback loop. The
output voltage settling behavior is related to the stability of
the closed-loop system and will demonstrate the actual
overall supply performance.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than1:50, the switch rise time
should be controlled so that the load rise time is limited to
approximately 25 • CLOAD. Thus a 10µF capacitor would
require a 250
µs rise time, limiting the charging current to
about 200mA.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com