Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6552CS8
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6552CS8 Datasheet HTML 8Page - Linear Technology LT6552CS8 Datasheet HTML 9Page - Linear Technology LT6552CS8 Datasheet HTML 10Page - Linear Technology LT6552CS8 Datasheet HTML 11Page - Linear Technology LT6552CS8 Datasheet HTML 12Page - Linear Technology LT6552CS8 Datasheet HTML 13Page - Linear Technology LT6552CS8 Datasheet HTML 14Page - Linear Technology LT6552CS8 Datasheet HTML 15Page - Linear Technology LT6552CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT6552
12
6552f
Figure 5. Simplified Schematic
6
7
4
Q2
Q3
Q4
Q5
Q6
Q1
Q7
Q8
Q10
Q11
Q12
Q13
Q14
Q20
Q19
Q9
Q15
Q16
R1
R5
R6
R3
R4
R2
COMPLEMENTARY
DRIVE GENERATOR
Q21
Q22
V+
V+
V–
V–
OUT
CM
DESD10
DESD9
5
V+
V+
V–
SHDN
DESD12
DESD11
V+
V–
DESD2
DESD1
V+
V–
DESD4
DESD3
V+
V–
DESD8
DESD7
V+
V–
DESD6
DESD5
RIN1
RIN2
RIN3
RIN4
+IN
3
–IN
2
REF
1
FB
8
I6
I5
I4
I3
I2
I1
Q18
Q17
6552 FO5
BIAS
Amplifier Characteristics
Figure 5 shows a simplified schematic of the LT6552.
There are two input stages; the first one consists of
transistors Q1 to Q8 for the (+) and (–) inputs while the
second input stage consists of transistors Q9 to Q16 for
the reference and feedback inputs. This topology provides
high slew rates at low supply voltages. The input common
mode range extends from ground to typically 1.75V from
VCC, and is limited by 2VBE’s plus a saturation voltage of
current sources I1-I4. Each input stage drives the degen-
eration resistors of PNP and NPN current mirrors, Q17 to
Q20, that convert the differential signals into a single-
ended output. The complementary drive generator sup-
plies current to the output transistors that swing from rail-
to-rail.
The current generated through R1 or R2, divided by the
capacitor CM, determines the slew rate. Note that this
current, and hence the slew rate, are proportional to the
magnitude of the input step. The input step equals the
output step divided by the closed-loop gain. The highest
slew rates are therefore obtained in the lowest gain con-
figurations. The Typical Performance Characteristic Curve
of Slew Rate vs Closed-Loop Gain shows the details.
ESD
The LT6552 has reverse-biased ESD protection diodes on
all inputs and outputs, as shown in Figure 5. If these pins
are forced beyond either supply, unlimited current will
flow through these diodes. If the current is transient in
nature and limited to 100mA or less, no damage to the
device will occur.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com