Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB81BA3 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSB81BA3 Datasheet HTML 42Page - Texas Instruments TSB81BA3 Datasheet HTML 43Page - Texas Instruments TSB81BA3 Datasheet HTML 44Page - Texas Instruments TSB81BA3 Datasheet HTML 45Page - Texas Instruments TSB81BA3 Datasheet HTML 46Page - Texas Instruments TSB81BA3 Datasheet HTML 47Page - Texas Instruments TSB81BA3 Datasheet HTML 48Page - Texas Instruments TSB81BA3 Datasheet HTML 49Page - Texas Instruments TSB81BA3 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
TSB81BA3, TSB81BA3I
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559B − DECEMBER 2002 − REVISED OCTOBER 2003
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
LLC service request (continued)
Table 30. Write Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1−4
Request type
A 1011 indicates this is a write register request
5−8
Address
Identifies the address of the PHY register to be written
9−16
Data
Gives the data that is to be written to the specified register address
17
Stop bit
Indicates the end of the transfer (always 0)
For a link notification request, the length of the LREQ bit stream is 6 bits as shown in Table 31.
Table 31. Link Notification Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1−4
Request type
A 1100, 1101, or 1110 indicates this is a link notification request
5
Stop bit
Indicates the end of the transfer (always 0)
For fair or priority access, the LLC sends a bus request at least one clock after the PHY-LLC interface becomes
idle. The PHY queues all bus requests and can queue one request of each type. If the LLC issues a different
request of the same type, then the new request overwrites any nonserviced request of that type. Note, upon
the receipt (CTL terminals are asserted to the receive state, 10b) of a packet, queued requests are not cleared
by the PHY.
The cycle master node uses a cycle start request (Cyc_Start_Req) to send a cycle start message. After
receiving or transmitting a cycle start message, the LLC can issue an isochronous bus request (IsoReq). The
PHY clears an isochronous request only when the serial bus has been won.
To send an acknowledge packet, the LLC must issue an immediate bus request (Immed_Req) during the
reception of the packet addressed to it. This is required in order to minimize the idle gap between the end of
the received packet and the start of the transmitted acknowledge packet. As soon as the received packet ends,
the PHY immediately grants control of the bus to the LLC. The LLC sends an acknowledgment to the sender
unless the header CRC of the received packet is corrupted. In this case, the LLC does not transmit an
acknowledge, but instead cancels the transmit operation and releases the interface immediately; the LLC must
not use this grant to send another type of packet. After the interface is released the LLC may proceed with
another request.
For write register requests, the PHY loads the specified data into the addressed register as soon as the request
transfer is complete. For read register requests, the PHY returns the contents of the addressed register to the
LLC at the next opportunity through a PHY status transfer. A write or read register request may be made at any
time, including while a bus request is pending. Once a read register request is made, the PHY ignores further
read register requests until the register contents are successfully transferred to the LLC. A bus reset does not
clear a pending read register request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com