Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2674 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2674
Description  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2674 Datasheet HTML 17Page - National Semiconductor (TI) LM2674 Datasheet HTML 18Page - National Semiconductor (TI) LM2674 Datasheet HTML 19Page - National Semiconductor (TI) LM2674 Datasheet HTML 20Page - National Semiconductor (TI) LM2674 Datasheet HTML 21Page - National Semiconductor (TI) LM2674 Datasheet HTML 22Page - National Semiconductor (TI) LM2674 Datasheet HTML 23Page - National Semiconductor (TI) LM2674 Datasheet HTML 24Page - National Semiconductor (TI) LM2674 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LM2674 Series Buck Regulator Design Procedure (Adjustable Output)
(Continued)
Output Capacitor
Cap.
Ref.
Desg.
#
Surface Mount
Through Hole
Sprague
AVX TPS
Sanyo OS-CON
Sanyo MV-GX
Nichicon
Panasonic
594D Series
Series
SA Series
Series
PL Series
HFQ Series
(µF/V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
C1
120/6.3
100/10
100/10
220/35
220/35
220/35
C2
120/6.3
100/10
100/10
150/35
150/35
150/35
C3
120/6.3
100/10
100/35
120/35
120/35
120/35
C4
68/10
100/10
68/10
220/35
220/35
220/35
C5
100/16
100/10
100/10
150/35
150/35
150/35
C6
100/16
100/10
100/10
120/35
120/35
120/35
C7
68/10
100/10
68/10
150/35
150/35
150/35
C8
100/16
100/10
100/10
330/35
330/35
330/35
C9
100/16
100/16
100/16
330/35
330/35
330/35
C10
100/16
100/16
68/16
220/35
220/35
220/35
C11
100/16
100/16
68/16
150/35
150/35
150/35
C12
100/16
100/16
68/16
120/35
120/35
120/35
C13
100/16
100/16
100/16
120/35
120/35
120/35
C14
100/16
100/16
100/16
220/35
220/35
220/35
C15
47/20
68/20
47/20
220/35
220/35
220/35
C16
47/20
68/20
47/20
150/35
150/35
150/35
C17
47/20
68/20
47/20
120/35
120/35
120/35
C18
68/25
(2x) 33/25
47/25 (Note 8)
220/35
220/35
220/35
C19
33/25
33/25
33/25 (Note 8)
150/35
150/35
150/35
C20
33/25
33/25
33/25 (Note 8)
120/35
120/35
120/35
C21
33/35
(2x) 22/25
(Note 9)
150/35
150/35
150/35
C22
33/35
22/35
(Note 9)
120/35
120/35
120/35
C23
(Note 9)
(Note 9)
(Note 9)
220/50
100/50
120/50
C24
(Note 9)
(Note 9)
(Note 9)
150/50
100/50
120/50
C25
(Note 9)
(Note 9)
(Note 9)
150/50
82/50
82/50
Note 8: The SC series of Os-Con capacitors (others are SA series)
Note 9: The voltage ratings of the surface mount tantalum chip and Os-Con capacitors are too low to work at these voltages.
FIGURE 17. Output Capacitor Selection Table
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com