Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor MICRF506 Datasheet HTML 16Page - Micrel Semiconductor MICRF506 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Micrel
MICRF506
September 2004
13
M9999-092904
(408) 955-1690
Frequency Synthesizer
A6…A0
D7
D6
D5
D4
D3
D2
D1
D0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
----
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
----
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
----
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
----
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
The frequency synthesizer consists of a voltage-
controlled oscillator (VCO), a crystal oscillator, dual
modulus prescaler, programmable frequency
dividers and a phase-detector. The loop-filter is
external for flexibility and can be a simple passive
circuit. The lengths of the N, M, and A registers
are12, 12 and 6 respectively. The M, N, and A
values can be calculated from the formula:
fPDH =
f
XCO
M
=
f
VCO
31 N + A
=
f
RF
4
31 N + A
where fPhD is the phase detector comparison
frequency.
PhD: Phase detector comparison frequency
fxco: Crystal oscillator frequency
fvco: Voltage controlled oscillator frequency
There are two sets of each of the divide factors (i.e.
A0 and A1). If modulation by using the dividers is
selected (that is Modulation1=1, Modulation0=0), the
two sets should be programmed to give two RF
frequencies, separated by two times the specified
frequency deviation. For all other modulation
methods, and also in receive mode, the 0-set will be
used.
Crystal Oscillator (XCO)
Adr
D7D6D5
D4
D3
D2
D1
D0
0001001
‘0’
‘1’
‘1’
XCOtune4 XCOtune3 XCOtune2
XCOtune1
XCOtune0
The crystal oscillator is a very critical block. As the
crystal oscillator is a reference for the RF output
frequency and also for the LO frequency in the
receiver, very good phase and frequency stability is
required. The schematic of the crystal oscillator’s
external components for 16MHz are shown in Figure
5.
C11
5.6pF
C10
5.6pF
Y1
TSX-10A
Pin 24
XTALOUT
Pin 23
XTALIN
Figure 5. Crystal Oscillator Circuit
The crystal should be connected between pins
XosIn and XoscOut (pin 23 and 23). In addition,
loading capacitors for the crystal are required. The
loading capacitor values depend on the total load
capacitance, CL, specified for the crystal. The load
capacitance seen between the crystal terminals
should be equal to CL for the crystal to oscillate at
the specified frequency.
C
L
=
1
1
C
10
+
1
C
11
+ Cparasitic
The parasitic capacitance is the pin input
capacitance and PCB stray capacitance. Typically,
the total parasitic capacitance is around 6pF. For
instance, for a 9pF load crystal the recommended
values of the external load capacitors are 5.6pF.
It is also possible to tune the crystal oscillator
internally by switching in internal capacitance using
5 tune bits XCOtune4 – XCOtun0. When XCOtune4
– XCOtune0 = 0 no internal capacitors are
connected to the crystal pins. When XCOtune4 –
XCOtune0 = 1 all of the internal capacitors are
connected to the crystal pins. Figure 3 shows the
tuning range for two different capacitor values, there
are 1.5pF and no capacitors.
The crystal used is a TN4-26011 from Toyocom.
Specification: Package TSX-10A, Nominal frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com