Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB8L40L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SB8L40L
Description  8.0 AMP. L O W V F Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB8L40L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SB8L40L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB8L40L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.0
10
version:01
2of2
FIG. 3
MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
1.0
SB8L80-SB8L100
TA = 25
FIG.4
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
8.0
2.0
0
10
.0
6.0
4.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
℃
AMBIENT TEMPERATURE (
)
C
°
8L200
8L150
SB
-
SB8L40-
SB 860L
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TA=75℃
TA=100℃
TA=25℃
SB8L50
www.dyelec.com
SB 8 L 4 0 THRU SB 8 L 2 00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com