Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11DF2 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # 11DF2
Description  FRD LOW FORWARD VOLTAGE DROP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

11DF2 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  11DF2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation 11DF2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation 11DF2 Datasheet HTML 3Page - Nihon Inter Electronics Corporation 11DF2 Datasheet HTML 4Page - Nihon Inter Electronics Corporation 11DF2 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FORWARD CURRENT VS. VOLTAGE
11DF2
0
0.4
0.8
1.2
1.6
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0.1
0.2
0.5
1
2
5
10
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
11DF2
0°
180°
θ
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com