Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL30KV02A Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL30KV02A
Description  Potting type high voltage subassembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL30KV02A Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL30KV02A Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Potting type high voltage subassembly
Maximum Reverse Recovery Time
Trr
at 25°C
2CL30KV/0.2A
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
0.2
125
125
-40 to +125
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
Outline Drawings : mm
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2015
=0V,f=1MHz
--
2CL30KV/0.2A
2CL30KV/0.2A
36
50
5.0
6.0
30
pF
HVGT
=VRRM
R
=VRRM
---
nS
peak
=IF(AV)
Finds use in applications such as X-ray
machines and electrostatic precipitators.
Lead Diameter 1.20
9.00
8.0
23 Min.
40.0
HVS-080940H
Characteristic:
Low frequency
Plastic shell
Epoxy resin potting
High voltage
HVS
Net weight (approx.): 4.5g


Similar Part No. - 2CL30KV02A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL30KV01A GETEDZ-2CL30KV01A Datasheet
103Kb / 1P
Potting type high voltage subassembly
More results

Similar Description - 2CL30KV02A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL30KV01A GETEDZ-2CL30KV01A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL50KV-1A GETEDZ-2CL50KV-1A Datasheet
103Kb / 1P
Potting type high voltage subassembly
2CL30KV GETEDZ-2CL30KV Datasheet
515Kb / 2P
Potting Type High Voltage Rectifier Subassembly
2CL80KV GETEDZ-2CL80KV Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
2CL200KV GETEDZ-2CL200KV Datasheet
534Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S08 GETEDZ-HVR5510S08 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S10 GETEDZ-HVR5510S10 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S12 GETEDZ-HVR5510S12 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVR5510S15 GETEDZ-HVR5510S15 Datasheet
513Kb / 2P
Potting Type High Voltage Rectifier Subassembly
HVQD100ME40D GETEDZ-HVQD100ME40D Datasheet
141Kb / 1P
POTTING TYPE HV SUBASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com