Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC4066BQ Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC4066BQ
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066BQ Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC4066BQ Datasheet HTML 9Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 10Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 11Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 12Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 13Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 14Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 15Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 16Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2003 Aug 12
13
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
AC WAVEFORMS
handbook, halfpage
MNA667
tPHL
tPLH
VM
VM
Y or Z
Z or Y
GND
VI
VOH
VOL
Fig.14 The input (VS) to output (VO) propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5VCC
VCC
≤ 2.0 ns
2.7 and 3.0 to 3.6 V 1.5 V
2.7 V
≤ 2.5 ns
4.5 to 5.5 V
0.5VCC
VCC
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com