Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5241 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT5241
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5241 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT5241 Datasheet HTML 8Page - Catalyst Semiconductor CAT5241 Datasheet HTML 9Page - Catalyst Semiconductor CAT5241 Datasheet HTML 10Page - Catalyst Semiconductor CAT5241 Datasheet HTML 11Page - Catalyst Semiconductor CAT5241 Datasheet HTML 12Page - Catalyst Semiconductor CAT5241 Datasheet HTML 13Page - Catalyst Semiconductor CAT5241 Datasheet HTML 14Page - Catalyst Semiconductor CAT5241 Datasheet HTML 15Page - Catalyst Semiconductor CAT5241 Datasheet HTML 16Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
CAT5241
Document No. 2011, Rev. J
Notes:
(1) The device used in the above example is a CAT5241JI-10-TE13 (SOIC, Industrial Temperature, 10kohm, Tape & Reel)
ORDERING INFORMATION
-10
-25: 2.5kohm
-10: 10kohm
-50: 50kohm
-00: 100kohm
5241
U: TSSOP
W: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com