Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4420P Datasheet(PDF) 1 Page - Calogic, LLC

Part # AS4420P
Description  The AS4420 and AS4429 family operate over 4.5V to 18V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4420P Datasheet(HTML) 1 Page - Calogic, LLC

  AS4420P Datasheet HTML 1Page - Calogic, LLC AS4420P Datasheet HTML 2Page - Calogic, LLC AS4420P Datasheet HTML 3Page - Calogic, LLC AS4420P Datasheet HTML 4Page - Calogic, LLC AS4420P Datasheet HTML 5Page - Calogic, LLC AS4420P Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
AS4420 / AS4429
FEATURES
• Latch Up Protected . . . . . . . . . . . . . . . . . . . . . . . . . >1.5A
• Logic Input Swing . . . . . . . . . . . . . . . . . . . . . Negative 5V
•ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
• Matched Rise and Fall Times . . . . . . . . . . . . . . . . . . 20ns
APPLICATIONS
• Motor Controls
• Switch-Mode Power Supplies
• Pulse Transformer Driver
• Class D Switching Amplifiers
DESCRIPTION
The AS4420 and AS4429 family operate over 4.5V to 18V,
can withstand high current peaking of 6A and have matched
rise and fall times under 25ns. The product has been
designed utilizing Calogic’s rugged CMOS process with
protection for latch up and ESD. The product is available in
inverting (AS4429) and noninverting (AS4420) configurations.
ORDERING INFORMATION
Part#
Logic
Package Temperature Range
AS4420P Noninverting
8-Pin PDIP -40oC to +85o C
AS4420S Noninverting
8-Pin SOIC -40oC to +85oC
AS4429P Inverting
8-Pin PDIP -40oC to +85oC
AS4429S Inverting
8-Pin SOIC -40oC to +85oC
High Speed
MOSFET Drivers
LLC
FUNCTIONAL DIAGRAM AND PIN CONFIGURATIONS
INPUT
GND
VDD 1
INPUT 2
NC 3
GND 4
EFFECTIVE
INPUT
C = 38pF
1L-13
4.7V
DIP
8 V DD
7 OU T P U T
6 OU T P U T
GND
5
500ì
1A-07
300mV
AS4420 / AS4429
VD D
INPUT
NC
GND
1
2
3
4
SOIC
8
7
6
5
VD D
OUTPUT
OUTPUT
GND
1A-08
V DD
OUTPUT


Similar Part No. - AS4420P

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CP ALPHA-AS4420CP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CS ALPHA-AS4420CS Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CU ALPHA-AS4420CU Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420IP ALPHA-AS4420IP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
More results

Similar Description - AS4420P

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4414 MICREL-MIC4414 Datasheet
426Kb / 14P
1.5A, 4.5V to 18V Low-Side MOSFET Driver
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Rohm
BD9C301FJ ROHM-BD9C301FJ Datasheet
978Kb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com