Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4426P Datasheet(PDF) 3 Page - Calogic, LLC

Part # AS4426P
Description  1.5A Dual High Speed MOSFET Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4426P Datasheet(HTML) 3 Page - Calogic, LLC

  AS4426P Datasheet HTML 1Page - Calogic, LLC AS4426P Datasheet HTML 2Page - Calogic, LLC AS4426P Datasheet HTML 3Page - Calogic, LLC AS4426P Datasheet HTML 4Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AS4426 / AS4427 / AS4428
LLC
PIN CONFIGURATIONS
!L-12
NC
1
2
3
8
7
6
4
5
IN A
GND
IN B
OUT A
NC
VDD
OUT B
NC
1
2
3
8
7
6
4
5
IN A
GND
IN B
OUT A
NC
VDD
OUT B
NC
1
2
3
8
7
6
45
IN A
GND
IN B
OUT A
NC
VDD
OUT B
2,4
7,5
INVERTING
NC = NO INTERNAL CONNECTION
2,4
7,5
NONINVERTING
NOTE: SOIC pinout is identical to DIP.
27
45
DIFFERENTIAL
AS4426
AS4427
AS4428
ELECTRICAL CHARACTERISTICS
Specifications measured over temperature range with 4.5V
≤ VDD ≤ 18V, unless otherwise specified.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
INPUT
VIH
Logic 1 High Input Voltage
2.4
-
-
V
VIL
Logic 0 Low Input Voltage
-
-
0.8
V
IIN
Input Current
-1
-
1
µA
0V
≤ VIN ≤ VDD
OUTPUT
VOH
High Output Voltage
VDD-0.025
-
-
V
VOL
Low Output Voltage
-
-
0.025
V
RO
Output Resistance
-
9
12
Ω
VDD = 18V, IO = 10mA
IPK
Peak Output Current
-
1.5
-
A
IREV
Latch-Up Protection
Withstand Reverse Current
>0.5
-
-
A
Duty Cycle
≤ 2%
t
≤ 300µs
SWITCHING TIME (Note 1)
tR
Rise Time
-
-
40
ns
Figure 1
tF
Fall Time
-
-
40
ns
Figure 1
tD1
Delay Time
-
-
40
ns
Figure 1
tD2
Delay Time
-
-
60
ns
Figure 1
POWER SUPPLY
IS
Power Supply Current
-
-
-
-
8
0.6
mA
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note: 1. Switching times are guaranteed by design.
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS064 REV A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com