Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCF080T Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCF080T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCF080T Datasheet(HTML) 3 Page - BeRex Corporation

  BCF080T Datasheet HTML 1Page - BeRex Corporation BCF080T Datasheet HTML 2Page - BeRex Corporation BCF080T Datasheet HTML 3Page - BeRex Corporation BCF080T Datasheet HTML 4Page - BeRex Corporation BCF080T Datasheet HTML 5Page - BeRex Corporation BCF080T Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCF060T
Pin_Pout/Gain, PAE (12 GHz)
Freq. = 12 GHz, Vds = 8 V, Ids = 50% Idss
Freq. = 12 GHz, Vds = 6 V, Ids = 50% Idss
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com