Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F200 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F200
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F200 Datasheet HTML 6Page - Advanced Micro Devices AM29F200 Datasheet HTML 7Page - Advanced Micro Devices AM29F200 Datasheet HTML 8Page - Advanced Micro Devices AM29F200 Datasheet HTML 9Page - Advanced Micro Devices AM29F200 Datasheet HTML 10Page - Advanced Micro Devices AM29F200 Datasheet HTML 11Page - Advanced Micro Devices AM29F200 Datasheet HTML 12Page - Advanced Micro Devices AM29F200 Datasheet HTML 13Page - Advanced Micro Devices AM29F200 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
Am29F200B
Table 2.
Am29F200T Top Boot Block Sector Address Table
Table 3.
Am29F200B Bottom Boot Block Sector Address Table
Note for Tables 2 and 3: Address range is A16:A-1 in byte mode and A16:A0 in word mode. See the “Word/Byte Configuration”
sectionfor more information.
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Autoselect Codes (High Voltage Method) table. In addi-
tion, when verifying sector protection, the sector
address must appear on the appropriate highest order
address bits. Refer to the corresponding Sector
Address Tables. The Command Definitions table
shows the remaining address bits that are don’t care.
When all necessary bits have been set as required, the
programming equipment may then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Autoselect Command Sequence” for details on using
the autoselect mode.
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
1
1
0
X
X
32/16
30000h–37FFFh
18000h–1BFFFh
SA4
1
1
1
0
0
8/4
38000h–39FFFh
1C000h–1CFFFh
SA5
1
1
1
0
1
8/4
3A000h–3BFFFh
1D000h–1DFFFh
SA6
1
1
1
1
X
16/8
3C000h–3FFFFh
1E000h–1FFFFh
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
0
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0
0
0
1
0
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0
0
0
1
1
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0
0
1
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com